전자부품 데이터시트 검색엔진 |
|
SMBFJ91A 데이터시트(PDF) 2 Page - Dc Components |
|
SMBFJ91A 데이터시트(HTML) 2 Page - Dc Components |
2 / 3 page R DC COMPONENTS CO., LTD. RATING AND CHARACTERISTIC CURVES (SMBFJ6.8A THRU SMBFJ550A) 0 TA, AMBIENT TEMPERATURE, (OC) FIG. 2 - PULSE DERATING CURVE 0 25 50 75 100 25 50 75 100 125 150 175 200 FIG. 3 - PULSE WAVEFORM tr = 10 µsec. Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of IPPM Peak Value IPPM HALF VALUE - IPPM 2 10/1000 µsec. Waveform as Defined by R.E.A. td 0 0 50 100 150 1.0 2.0 3.0 4.0 t, TIME, mS 10 100 500 1000 Measured at Zero Bias FIG. 4 - TYPICAL JUNCTION CAPACITANCE f = 1.0 MHz Vsig = 50mVp-p TJ = 25OC Measured at Stand off Voltage, VWM 1.0 10 100 200 V(BR), BREAKDOWN VOLTAGE, VOLTS 20 40 60 80 100 120 FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL 8.3ms Single Half Sine-Wave (JEDEC Method) NUMBER OF CYCLES AT 60 Hz 1 10 100 0 FIG. 1 PEAK PULSE POWER RATING CURVE 0.1 1.0 10 100 0.1 µS 1.0 µS 10 µS 100 µS 1.0mS 10mS TP, PULSE WIDTH, sec Non-Repetitive Pulse Waveform Shown in Fig.3 TA = 25OC www.dccomponents.com 2 REV-1,DEC,2015 |
유사한 부품 번호 - SMBFJ91A |
|
유사한 설명 - SMBFJ91A |