전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2000D4 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2000D4
상세설명  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA2000D4 Datasheet HTML 7Page - Texas Instruments TPA2000D4 Datasheet HTML 8Page - Texas Instruments TPA2000D4 Datasheet HTML 9Page - Texas Instruments TPA2000D4 Datasheet HTML 10Page - Texas Instruments TPA2000D4 Datasheet HTML 11Page - Texas Instruments TPA2000D4 Datasheet HTML 12Page - Texas Instruments TPA2000D4 Datasheet HTML 13Page - Texas Instruments TPA2000D4 Datasheet HTML 14Page - Texas Instruments TPA2000D4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPA2000D4
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337A – DECEMBER 2000 – REVISED MAY 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
0.1
0.05
0.005
20
50
100 200
500 1 k
1
2
f – Frequency – Hz
HEADPHONE
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
10
2 k
5 k 10 k 20 k
0.01
0.02
0.2
0.5
5
VDD = 5 V,
RL = 32 Ω,
PO = 75 mW
AV = 20 dB
AV = 6 dB
AV = 0 dB
0.001
0.002
Figure 17
0.5
0.1
0.02
1
2
HEADPHONE
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
10
0.01
0.05
0.2
5
100
µ 200 µ 500 µ 1 m 2 m
5 m 10 m 20 m
50 m 100 m
PO – Output Power – W
VDD = 5 V,
RL = 32 Ω,
AV = 0 dB
f = 20 kHz
f = 100 Hz
f = 1 kHz
0.005
0.002
0.001
–10
–8
–6
–4
–2
0
2
–300
–250
–200
–150
–100
–50
0
100
f – Frequency – Hz
HEADPHONE
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
1 k
10 k
100 k
1 M
10 M
Gain
Phase
VDD = 5 V,
PO = 75 mW,
RL = 32 Ω,
AV = 0 dB
Figure 18


유사한 부품 번호 - TPA2000D4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2000D4 TI-TPA2000D4 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4DAP TI-TPA2000D4DAP Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4DAPG4 TI-TPA2000D4DAPG4 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4DAPR TI-TPA2000D4DAPR Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
More results

유사한 설명 - TPA2000D4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com