전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2606MVV 데이터시트(PDF) 2 Page - Rohm

부품명 BD2606MVV
상세설명  6-Channel Charge Pump White LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2606MVV 데이터시트(HTML) 2 Page - Rohm

  BD2606MVV Datasheet HTML 1Page - Rohm BD2606MVV Datasheet HTML 2Page - Rohm BD2606MVV Datasheet HTML 3Page - Rohm BD2606MVV Datasheet HTML 4Page - Rohm BD2606MVV Datasheet HTML 5Page - Rohm BD2606MVV Datasheet HTML 6Page - Rohm BD2606MVV Datasheet HTML 7Page - Rohm BD2606MVV Datasheet HTML 8Page - Rohm BD2606MVV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/16
BD2606MVV
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
10.Dec.2015 Rev.002
TSZ02201-0G3G0C200400-1-2
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Condition
Power Supply Voltage
VMAX
7
V
Operating Temperature Range
Topr
-30 to +85
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Power Dissipation
Pd
0.78 (Note 1)
W
(Note 1) When mounted on a glass epoxy substrate (70mm x 70mm x 1.6mm), derate by 6.2mW/°C for Ta is higher than 25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Recommended Operating Conditions (Ta=-30°C to +85°C)
Parameter
Symbol
Ratings
Unit
Condition
Operating power supply voltage
VCC
2.7 to 5.5
V
Electrical Characteristics (Unless otherwise specified, Ta = 25°C and VIN = 3.6V.)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Quiescent Current
IDDQ
-
0
7
μA
VEN=0V, VIN=3.6V
Circuit Current 1
IDD1
-
1.0
2.6
mA
x1 mode, IOUT=0mA, VIN=3,6V
[Charge Pump]
Output Current
IOUT
-
-
120
mA
VOUT=4.0V, VIN=3.6V
Oscillation Frequency
fOSC
0.8
1.0
1.2
MHz
Add=0 x 03, D6=
’0’
[LED Driver]
LED Current Absolute Precision
ILED-ERR
-
-
±6.5
%
ILED =16.5mA(LEDxCNT=0x20),
LED pin voltage 1.0V
LED Current Relative Precision
ILED-to-LED
-
0.5
±3.75(Note 2)
%
ILED =16.5mA(LEDxCNT=0x20) ,
LED pin voltage 1.0V
LED Control Voltage
VLED
-
0.2
0.25
V
ILEDA1,ILEDA2,ILEDB1,
ILEDB2,ILEDC1,ILEDC2
[Logic Interface]
Input
‘L’ Voltage
VIL
-
-
0.4
V
EN, SCL, SDA
Input
‘H’ Voltage
VIH
1.6
-
-
V
EN, SCL, SDA
Input
‘H’ Current
IIH
-
-
10
μA
EN, SCL, SDA=VIN
Input
‘L’ Current
IIL
-10
-
-
μA
EN, SCL, SDA=GND
‘L’ Level SDA Output
VOL
-
-
0.4
V
SDA, 3mA source
-
-
0.6
V
SDA, 6mA source
[I2C BUS Interface (Standard Mode)]
SCL Clock Frequency
fSCLC
0
-
100
kHz
SCL Low Duration
tLOW
4.7
-
-
μs
SCL High Duration
tHIGH
4.0
-
-
μs
Data Hold Time
tHD;DAT
0
-
3.45
μs
Data Setup Time
tSU;DAT
250
-
-
ns
Setup Time
– Restart Condition
tSU;STA
4.7
-
-
μs
Hold Time
– Restart Condition
tHD;STA
4.0
-
-
μs
Setup Time
– Stop Condition
tSU;STO
4.0
-
-
μs
Bus Free Time Between Start and
Stop
tBUF
4.7
-
-
μs
[I2C BUS Interface (Fast Mode)]
SCL Clock Frequency
fSCL
0
-
400
kHz
SCL Low Duration
tLOW
1.3
-
-
μs
SCL High Duration
tHIGH
0.6
-
-
μs
Data Hold Time
tHD;DAT
0
-
0.9
μs
Data Setup Time
tSU;DAT
100
-
-
ns
Setup Time
– Restart Condition
tSU;STA
0.6
-
-
μs
Hold Time
– Restart Condition
tHD;STA
0.6
-
-
μs
Setup Time
– Stop Condition
tSU;STO
0.6
-
-
μs
Bus Free Time Between Start and
Stop
tBUF
1.3
-
-
μs
Interface Startup Time
tEN
-
-
350
μs
Bus startup time (after EN=
‘H’)
(Note 2) The following expression is used for calculation:
ILED-match={(IMAX-IMIN)/(IMAX+IMIN)} x 100
IMAX= Current value in a channel with the maximum current value among all channels
IMIN=Current value in a channel with the minimum current value among all channels


유사한 부품 번호 - BD2606MVV

제조업체부품명데이터시트상세설명
logo
BeRex Corporation
BD2626 BEREX-BD2626 Datasheet
822Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
logo
Inchange Semiconductor ...
BD263 ISC-BD263 Datasheet
187Kb / 2P
   isc Silicon NPN Darlingtion Power Transistor
logo
Rohm
BD26502GUL ROHM-BD26502GUL Datasheet
744Kb / 40P
   7x17(Max.) Dot Matrix LED Display Driver
More results

유사한 설명 - BD2606MVV

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com