전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2606MVV 데이터시트(PDF) 1 Page - Rohm

부품명 BD2606MVV
상세설명  6-Channel Charge Pump White LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2606MVV 데이터시트(HTML) 1 Page - Rohm

  BD2606MVV Datasheet HTML 1Page - Rohm BD2606MVV Datasheet HTML 2Page - Rohm BD2606MVV Datasheet HTML 3Page - Rohm BD2606MVV Datasheet HTML 4Page - Rohm BD2606MVV Datasheet HTML 5Page - Rohm BD2606MVV Datasheet HTML 6Page - Rohm BD2606MVV Datasheet HTML 7Page - Rohm BD2606MVV Datasheet HTML 8Page - Rohm BD2606MVV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/16
TSZ02201-0G3G0C200400-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
10.Dec.2015 Rev.002
TSZ22111
• 14 • 001
www.rohm.com
6-Channel Charge Pump
White LED Driver
with 64 Dimming Steps and I2C Compatible Interface
BD2606MVV
General Description
BD2606MVV is a multi-level brightness control white
LED driver that not only ensures efficient boost by
automatically changing the boost rate but also works as
a constant current driver with 64 steps, so that the
driving current can be adjusted finely. This IC is best
suited to turn ON white LEDs that require high-accuracy
LED brightness control.
Features
6-Ch Parallel LED Driver
64-Step LED Current Adjust Function
Inter-LED Relative Current Accuracy: 3% or less
LED Individual Lighting/Dimming Control via I2C
BUS Interface
Automatic Transition Charge Pump Type DC/DC
Converter (x1, x1.5 and x2)
High Efficiency (90% or More at Maximum)
Various Protection Functions such as Output
Voltage Protection, Over-Current Limiter and
Thermal Shutdown Circuit
Applications
This driver is applicable for various fields such as
mobile phones, portable game machines and white LED
products.
Key Specifications
Power Supply Voltage Range:
2.7V to 5.5V
Oscillation Frequency:
1.0MHz(Typ)
Quiescent Current:
0
μA(Typ)
Operating Temperature Range:
-30°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
Typical Application Circuit
SQFN016V4040
4.00mm x 4.00mm x 1.00mm
GND
LEDA1
LEDA2
LEDB1
LEDB2
EN
SCL
SDA
Battery
IN
OUT
C1 = 1μF
CIN
= 1
μF
COUT = 1μF
LEDC1
LEDC2
C2 = 1μF
BD2606MVV
Datasheet
Datasheet


유사한 부품 번호 - BD2606MVV

제조업체부품명데이터시트상세설명
logo
BeRex Corporation
BD2626 BEREX-BD2626 Datasheet
822Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
logo
Inchange Semiconductor ...
BD263 ISC-BD263 Datasheet
187Kb / 2P
   isc Silicon NPN Darlingtion Power Transistor
logo
Rohm
BD26502GUL ROHM-BD26502GUL Datasheet
744Kb / 40P
   7x17(Max.) Dot Matrix LED Display Driver
More results

유사한 설명 - BD2606MVV

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com