전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8V49NS0312 데이터시트(PDF) 7 Page - Integrated Device Technology

부품명 8V49NS0312
상세설명  FemtoClock NG Clock Generator with 4 Dividers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

8V49NS0312 데이터시트(HTML) 7 Page - Integrated Device Technology

Back Button 8V49NS0312 Datasheet HTML 3Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 4Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 5Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 6Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 7Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 8Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 9Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 10Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
©2016 Integrated Device Technology, Inc.
September 2, 2016
8V49NS0312 Datasheet
Principles of Operation
The 8V49NS0312 can be locked to either an input reference clock or a 10MHz to 50MHz fundamental-mode crystal and generate a wide range
of synchronized output clocks. Lock status may be monitored via the LOCK pin.
It could be used for example in either the transmit or receive path of Synchronous Ethernet or SONET/SDH equipment.
The 8V49NS0312 accepts a differential or single-ended input clock ranging from 5MHz up to 1GHz. It generates up to twelve output clocks
with up to four different output frequencies, ranging from 10.91MHz up to 2.5GHz.
The device outputs are divided into 4 output banks. Each bank supports conversion of the input frequency to a different output frequency: one
independent or integer-related output frequency on Bank D (QD[0:1]) and three more integer-related frequencies on Bank A (QA[0:3]), Bank B
(QB[0:3]) and Bank C (QC[0:1]). All outputs within a bank will have the same frequency.
The device is programmable through an I2C serial interface or control input pins.
Pin versus Register Control
The 8V49NS0312 can be configured by the use of input control pins and/or over an I2C serial port. The pins / registers used to control each
function are shown in Table 4. At power-up, control of each function is via the control input pins. Access over the serial port can change each
function individually to be controlled by registers. This allows for any mixture of register or pin control. However any of the indicated functions
can only be controlled by register or by pin at any given time, not by both. Use of register control will allow access to a wider range of
configuration options, but values are lost on power-down.
Changes to the control input pins while the part is active are allowed, but can not be guaranteed to be glitch-free. It is recommended that any
such changes be performed by disabling the outputs using the I2C-accessible registers, then re-enabling once changes are completed. Also,
the output dividers, which are synchronized on power-up will not be re-synchronized without an explicit access to the INIT_CLK register bit
over the I2C interface.
Any change to the output dividers performed over the I2C interface must be followed by an assertion of the INIT_CLK register bit to force the
loading of the new divider values, as well as to synchronize the output dividers.
Table 4: Control of Specific Functions
Function
Control Select Bit
Control Input Pins
Register Fields Affected
Prescaler & PLL
Feedback Divider
FIN_CTL
FIN[1:0]
PS[5:0], FDP M[8:0]
Bank A
Divider & Output Type
NA_CTL
NA[1:0]
NA_DIV, PD_A, EN_A,
PD_QAx, STY_QAx,
AMP_QAx[1:0]
Bank B
Divider & Output Type
NB_CTL
NB[1:0]
NB_DIV, PD_B, EN_B,
PD_QBx, STY_QBx,
AMP_QBx[1:0]
Bank C
Divider & Output Type
NC_CTL
NC[1:0]
NC_DIV, PD_C, EN_C,
PD_QCx, STY_QCx,
AMP_QCx[1:0]
Bank D
Divider & Output Type
ND_CTL
ND[1:0]
ND[5:0], ND_FINT[3:0],
ND_FRAC[23:0],
ND_DIVF[1:0], ND_SRC[1:0],
PD_D, EN_D, PD_QDx,
STY_QD0, AMP_QD0[1:0]


유사한 부품 번호 - 8V49NS0312

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
logo
Renesas Technology Corp
8V49NS0312 RENESAS-8V49NS0312 Datasheet
1Mb / 53P
   FemtoClock® NG Clock Generator with 4 Dividers
April 24, 2019
logo
Integrated Device Techn...
8V49NS0312NLGI IDT-8V49NS0312NLGI Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
8V49NS0312NLGI8 IDT-8V49NS0312NLGI8 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
8V49NS0312 IDT-8V49NS0312_17 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
More results

유사한 설명 - 8V49NS0312

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
8V49NS0312 RENESAS-8V49NS0312 Datasheet
1Mb / 53P
   FemtoClock® NG Clock Generator with 4 Dividers
April 24, 2019
8V49NS0412 RENESAS-8V49NS0412 Datasheet
1Mb / 57P
   FemtoClock® NG Clock Generator with Four Dividers
September 23, 2022
8V49NS1412 RENESAS-8V49NS1412 Datasheet
1Mb / 55P
   FemtoClock® NG Clock Generator with Four Dividers
September 28, 2022
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312_17 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
841602 IDT-841602 Datasheet
418Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841602 RENESAS-841602 Datasheet
694Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
2019
IDT8T49N004I RENESAS-IDT8T49N004I Datasheet
1Mb / 38P
   Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 4-Outputs
2019
logo
Integrated Device Techn...
841604 IDT-841604 Datasheet
414Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
841654 IDT-841654 Datasheet
293Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841654 RENESAS-841654 Datasheet
492Kb / 19P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com