전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0757B 데이터시트(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0757B
상세설명  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0757B 데이터시트(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0757B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Dedication•Trustworthinese
Duplexer
Frequency
(MHz)
Insertion Loss
(dB)
Band Width
(MHz)
SAW Filter
APPLICATION : 3G | LTE | Repeater | Femtocell | Base Station
Size
(mm)
P/N
TF0104A (Band 1)
TF0105A (Band 2)
TF0110A (Band 4)
TF0095A (Band 5)
TF0109A (Band 7)*BAW Filter
TF0093A (Band 8)
1950/2140
1880/1960
1732.5/2132.5
836.5/881.5
2535/2655
897.5/942.4
1.8
2
1.8
1.8
3.2
1.7
60
59
45
25
70
25
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
TZ2930B
TZ2370B
TZ1960C
TZ2724D
40
30
25
25
6
6
8
6
±45
±30
±30
±30
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
Load Capacitance
(pF)
Size
(mm)
P/N
Frequency
(MHz)
Tolerance
(ppm)
*metal cap structure
*metal cap structure
*metal cap structure
*metal cap structure
SSD-Crystal
TZ0633A
TZ1261C
TZ1897A
TZ2959A
TZ2852A
TZ2959A
27.12
27.12
27.12
27.12
27.12
27.12
10
10
10
10
12
10
±10
±10
±10
±30
±10
±30
3.2x2.5
2.5x2.0
2.0x1.6
2.0x1.6
1.6x1.2
2.0x1.6
Size
(mm)
P/N
Frequency
(MHz)
Tolerance
(ppm)
Load Capacitance
(pF)
NFC
Crystal /TCXO
*metal cap structure
Insertion Loss
(dB)
Band Width
(KHz)
TY0153A
TY0137A
TY0143A
30.72
21.4
90
2.0
3.0
3.0
±4
±7.5
±10
7.0x5.0
7.0x5.0
7.0x5.0
Size
(mm)
P/N
Frequency
(MHz)
MCF
Voltage
(V)
Tolerance
(ppm)
TX0338E
TX0534C
TW0459E
TX0618A
TX0601A
TW0357A
TW0459B
TX0605A
TX0659A
30
32
32.768 KHz
32.768 KHz
32.768 KHz
32.768 KHz
32.768 KHz
12
40
2.85v
1.8
15
1.8/2.5/3.0/3.3
1.8/2.5/3.0/3.3
3.3
1.8
3.3
1.8
±2
±2
±20
±1.5
±1.5
±25
±25
±1.5
±0.5
3.2x2.5
2.5x2.0
2.5x2.0
3.2x2.5
7.0x5.0
3.2x2.5
2.5x2.0
3.2x2.5
2.0x1.6
Size
(mm)
P/N
Frequency
(MHz)
TCXO/XO


유사한 부품 번호 - TA0757B

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0757B TAI-SAW-TA0757B Datasheet
418Kb / 7P
   SAW Filter 1575.42MHz
logo
Golledge Electronics Lt...
TA0757B GOLLEDGE-TA0757B Datasheet
154Kb / 6P
   SAW Filter 1575.420MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0757BA TAI-SAW-TA0757BA Datasheet
453Kb / 7P
   SAW Filter 1575.42MHz
TA0757BB TAI-SAW-TA0757BB Datasheet
453Kb / 7P
   SAW Filter 1575.42MHz
TA0757BC TAI-SAW-TA0757BC Datasheet
266Kb / 7P
   SAW Filter 1575.42 MHz SMD 1.4X1.1 mm (BW=2 MHz)
More results

유사한 설명 - TA0757B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com