전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1267E 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1267E
상세설명  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1267E 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1267E Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1267E Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1267E Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1267E Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1267E Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1267E Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1267E Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1267E Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Exactitude•Innovation•Excellence
*Automotive grade
Load Capacitance
(pF)
Tolerance
(ppm)
Size
(mm)
P/N
Frequency
(MHz)
Crystal
TZ2801A
TZ2323C
TZ2810A
TZ0502D
TZ2300A
TZ1478A
TZ0977B
TZ1421A
TZ0475A
TZ2980A
TZ2901B
TZ3023A
TZ3048B
TZ3075A
TZ0909E
TZ2205E
TZ0234D
TZ2936A
TZ1325D
TZ2102A
TZ0661E
TZ2650E
TZ2746A
TZ1987A
TZ1596E
40
48
37.4
20
26
40
40
40
40
24
37.4
24
26
40
38.4
38.4
26
48
26
26
26
40
40
37.4
40
15
7
16
18
11.5
10.5
15
15
15
15
8
7
9
12
10
10
10
9
8
13.5
9
12
11.5
16
10.5
±10
±7
±10
±10
±7
±10
±10
±10
±10
±10
±10
±10
±50
±10
±10
±10
±10
±15
±10
±10
±10
±5
±7
±10
±10
2.5x2.0
2.0x1.6
3.2x2.5
3.2x2.5
2.5x2.0
2.5x2.0
2.5x2.0
2.5x2.0
2.5x2.0
2.5x2.0
2.0x1.6
1.6x1.2
2.5x2.0
3.2x2.5
2.5x2.0
2.0x1.6
3.2x2.5
1.6x1.2
2.0x1.6
3.2x2.5
2.5x2.0
2.5x2.0
3.2x2.5
1.6x1.2
3.2x2.5
Noise
(dB)
Gain
(dB)
Size
(mm³)
TN0081A (GPS+GLONASS)
1575~1606
TN0089A
(GPS+GLONASS+Beidou+Galileo)
1575
1597-1606
1559-1591
1.65
18.5
2.5x2.5x0.535
P/N
Frequency
(MHz)
Front End Module
1.5
1.5x1.1x0.39
15.5
APPLICATION : WIFI | Combo Chip | Bluetooth
TA0222A
TA0223A
TA1218A
TA1629A
TA1468A
TA1869A
TA1834A
2442
2441.8
2436
2450
2441.8
2442
2441.75
55
83.5
72
100
83.5
79
83.5
1.9
2.1
3
1.6
1.8
1.9
3
3.0x3.0
3.0x3.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
Band Width
(MHz)
Insertion Loss
(dB)
Size
(mm)
SAW Filter
P/N
Frequency
(MHz)
WIFI


유사한 부품 번호 - TA1267E

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1267A TAI-SAW-TA1267A Datasheet
161Kb / 8P
   SAW Filter 1588.655MHz
logo
Golledge Electronics Lt...
TA1267A GOLLEDGE-TA1267A Datasheet
104Kb / 6P
   SAW Filter 1588.6550MHz
logo
Toshiba Semiconductor
TA1267AF TOSHIBA-TA1267AF Datasheet
959Kb / 22P
   MULTISTANDARD PIF/SIF SYNCHRONOUS DEMODULATOR IC
TA1267AF TOSHIBA-TA1267AF Datasheet
304Kb / 23P
   MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC
TA1267AF TOSHIBA-TA1267AF_03 Datasheet
304Kb / 23P
   MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC
More results

유사한 설명 - TA1267E

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com