전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1343B 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1343B
상세설명  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1343B 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1343B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dedication•Trustworthinese
TZ1187A
TZ0260A
TZ2701A
TZ3021A
TZ1670D
TZ2779C
TZ1022B
TZ1185A
TZ1275A
TZ1402A
TZ0661B
TZ1325D
TZ1845A
TZ2486A
TZ2099E
26
26
32
16
16
26
26
16
16
26
26
26
26
16
37.4
9
12
12
6
8
10
7
7.1
9
10
9
8
9
8
10
±10
±10
±10
±10
±10
±10
±10
±10
±20
±10
±10
±10
±10
±10
±10
2.0x1.6
3.2x2.5
2.5x2.0
2.0x1.6
2.5x2.0
2.5x2.0
3.2x2.5
3.2x2.5
3.2x2.5
3.2x2.5
2.5x2.0
2.0x1.6
1.6x1.2
2.0x1.6
2.5x2.0
*low profile
Size
(mm)
P/N
Frequency
(MHz)
Tolerance
(ppm)
Crystal
Bluetooth
Load Capacitance
(pF)
*Automotive grade
TW0324C
TX0359B
48
40
1.8
2.5
±10
±8
2.5x2.0
3.2x2.5
Size
(mm)
P/N
Frequency
(MHz)
Voltage
(V)
Tolerance
(ppm)
TCXO/XO
TZ1778B
TZ2593C
TZ1987A
TZ2206B
TZ2099A
TZ1188A
TZ2323A
TZ2322A
TZ1188A
TZ1462B
TZ2300A
TZ1387A
19.2
26
37.4
37.4
37.4
38.4
48
48
38.4
38.4
26
26
7
16
16
10
10
8.3
7
7
8.3
10
11.5
11.2
±10
±8
±10
±10
±10
±10
±10
±10
±10
±10
±7
±10
2.5x2.0
2.0x1.6
1.6x1.2
2.0x1.6
2.5x2.0
2.0x1.6
2.0x1.6
2.5x2.0
2.0x1.6
3.2x2.5
2.5x2.0
3.2x2.5
Size
(mm)
P/N
Frequency
(MHz)
Load Capacitance
(pF)
Tolerance
(ppm)
Crystal
Combo Chip
Voltaqe
(V)
Tolerance
(ppm)
Size
(mm)
P/N
Frequency
(MHz)
TCXO/XO
TX0439C
TW0517A
TX0341E
TW0523A
TW0521A
TX0359B
TW0511A
TW0473C
TW0401D
24
37.4
26
24
25
40
80
40
40
1.68~3.0
1.8
2
1.8
3.3
2.5
3.3
2.5
2.5
±2
±50
±2
±25
±50
±8
±20
±10
±10
3.2x2.5
2.5x2.0
3.2x2.5
2.0x1.6
7.0x5.0
3.2x2.5
2.5x2.0
3.2x2.5
2.5x2.0
*EMI reduction/Spread Spectrum
*low phase noise
*low phase noise


유사한 부품 번호 - TA1343B

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA1343 TOSHIBA-TA1343 Datasheet
267Kb / 26P
   TV SOUND PROCESSOR
logo
TAI-SAW TECHNOLOGY CO.,...
TA1343A TAI-SAW-TA1343A Datasheet
143Kb / 8P
   SAW Filter 1583MHz
logo
Golledge Electronics Lt...
TA1343A GOLLEDGE-TA1343A Datasheet
181Kb / 7P
   SAW Filter: 1583.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1343C TAI-SAW-TA1343C Datasheet
326Kb / 8P
   SAW Filter 1583MHz
TA1343D TAI-SAW-TA1343D Datasheet
307Kb / 8P
   SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.4X1.1 mm
More results

유사한 설명 - TA1343B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com