전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC655EUN 데이터시트(PDF) 3 Page - Microchip Technology

부품명 TC655EUN
상세설명  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC655EUN 데이터시트(HTML) 3 Page - Microchip Technology

  TC655EUN Datasheet HTML 1Page - Microchip Technology TC655EUN Datasheet HTML 2Page - Microchip Technology TC655EUN Datasheet HTML 3Page - Microchip Technology TC655EUN Datasheet HTML 4Page - Microchip Technology TC655EUN Datasheet HTML 5Page - Microchip Technology TC655EUN Datasheet HTML 6Page - Microchip Technology TC655EUN Datasheet HTML 7Page - Microchip Technology TC655EUN Datasheet HTML 8Page - Microchip Technology TC655EUN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
 2002-2014 Microchip Technology Inc.
DS20001734C-page 3
TC654/TC655
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings *
VDD...................................................................................6.5V
Input Voltages ...................................... -0.3V to (VDD + 0.3V)
Output Voltages .................................... -0.3V to (VDD + 0.3V)
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-40°C to +125°C
Maximum Junction Temperature, TJ ............................. 150°C
ESD protection on all pins
4kV
*Notice: Stresses above those listed under “Maximum rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
Name
Function
VIN
Analog Input
CF
Analog Output
SCLK
Serial Clock Input
SDA
Serial Data In/Out (Open Drain)
GND
Ground
FAULT
Digital (Open Drain) Output
SENSE2
Analog Input
SENSE1
Analog Input
VOUT
Digital Output
VDD
Power Supply Input
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, all limits are specified for VDD = 3.0V to 5.5V,
-40°C <TA < +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
3.0
5.5
V
Operating Supply Current
IDD
150
300
µA
Pins 7, 8, 9 Open
Shutdown Mode Supply Current
IDDSHDN
5
10
µA
Pins 7, 8, 9 Open
VOUT PWM Output
VOUT Rise Time
tR
50
µsec
IOH = 5 mA, Note 1
VOUT Fall Time
tF
50
µsec
IOL = 1 mA, Note 1
Sink Current at VOUT Output
IOL
1.0
mA
VOL = 10% of VDD
Source Current at VOUT Output
IOH
5.0
mA
VOH = 80% of VDD
PWM Frequency
F
26
30
34
Hz
CF = 1 µF
VIN Input
VIN Input Voltage for 100% PWM
duty-cycle
VC(MAX)
2.45
2.6
2.75
V
VC(MAX) - VC(MIN)
VCRANGE
1.25
1.4
1.55
V
VIN Input Resistance
10M
VDD = 5.0V
VIN Input Leakage Current
IIN
-1.0
+1.0
µA
SENSE Input
SENSE Input Threshold Voltage with
Respect to GND
VTHSENSE
80
100
120
mV
FAULT Output
FAULT Output LOW Voltage
VOL
——
0.3
V
IOL = 2.5 mA
FAULT Output Response Time
tFAULT
—2.4
sec
Fan RPM-to-Digital Output
Fan RPM ERROR
-15
+15
%
RPM > 1600
Note 1: Not production tested, ensured by design, tested during characterization.
2: For 5.0V > VDD  5.5V, the limit for VIH = 2.2V.


유사한 부품 번호 - TC655EUN

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC655EUN MICROCHIP-TC655EUN Datasheet
706Kb / 36P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
More results

유사한 설명 - TC655EUN

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC654 MICROCHIP-TC654 Datasheet
706Kb / 36P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646BEPA MICROCHIP-TC646BEPA Datasheet
728Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
logo
Maxim Integrated Produc...
MAX6643 MAXIM-MAX6643_V01 Datasheet
762Kb / 18P
   Automatic PWM Fan-Speed Controllers with Overtemperature Output
2021
MAX6643 MAXIM-MAX6643 Datasheet
213Kb / 17P
   Automatic PWM Fan-Speed Controllers with Overtemperature Output
19-3305; Rev 2; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com