전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM231 데이터시트(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM231
상세설명  Precision Voltage-to-Frequency Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM231 데이터시트(HTML) 7 Page - National Semiconductor (TI)

Back Button LM231 Datasheet HTML 3Page - National Semiconductor (TI) LM231 Datasheet HTML 4Page - National Semiconductor (TI) LM231 Datasheet HTML 5Page - National Semiconductor (TI) LM231 Datasheet HTML 6Page - National Semiconductor (TI) LM231 Datasheet HTML 7Page - National Semiconductor (TI) LM231 Datasheet HTML 8Page - National Semiconductor (TI) LM231 Datasheet HTML 9Page - National Semiconductor (TI) LM231 Datasheet HTML 10Page - National Semiconductor (TI) LM231 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Applications (Continued)
condition will usually apply under start-up conditions or in the
case of an overload voltage at signal input. It should be
noted that during this sort of overload, the output frequency
will be 0; as soon as the signal is restored to the working
range, the output frequency will be resumed.
The output driver transistor acts to saturate pin 3 with an ON
resistance of about 50
Ω. In case of overvoltage, the output
current is actively limited to less than 50 mA.
The voltage at pin 2 is regulated at 1.90 V
DC for all values of
i between 10 µA to 500 µA. It can be used as a voltage ref-
erence for other components, but care must be taken to en-
sure that current is not taken from it which could reduce the
accuracy of the converter.
PRINCIPLES OF OPERATION OF BASIC VOLTAGE-
TO-FREQUENCY CONVERTER (
Figure 1)
The simple stand-alone V-to-F converter shown in
Figure 1
includes all the basic circuitry of
Figure 3 plus a few compo-
nents for improved performance.
A resistor, R
IN=100 kΩ±10%, has been added in the path to
pin 7, so that the bias current at pin 7 (−80 nA typical) will
cancel the effect of the bias current at pin 6 and help provide
minimum frequency offset.
The resistance R
S at pin 2 is made up of a 12 kΩ fixed resis-
tor plusa5k
Ω (cermet, preferably) gain adjust rheostat. The
function of this adjustment is to trim out the gain tolerance of
the LM231/331, and the tolerance of R
t,RL and Ct.
For best results, all the components should be stable
low-temperature-coefficient components, such as metal-film
resistors. The capacitor should have low dielectric absorp-
tion; depending on the temperature characteristics desired,
NPO ceramic, polystyrene, Teflon or polypropylene are best
suited.
A capacitor C
IN is added from pin 7 to ground to act as a filter
for V
IN. A value of 0.01 µF to 0.1 µF will be adequate in most
cases; however, in cases where better filtering is required, a
1 µF capacitor can be used. When the RC time constants are
matched at pin 6 and pin 7, a voltage step at V
IN will cause
a step change in f
OUT.IfCIN is much less than CL, a step at
V
IN may cause fOUT to stop momentarily.
A47
Ω resistor, in series with the 1 µF C
L, is added to give
hysteresis effect which helps the input comparator provide
the excellent linearity (0.03% typical).
DETAIL OF OPERATION OF PRECISION V-TO-F
CONVERTER (
Figure 4)
In this circuit, integration is performed by using a conven-
tional operational amplifier and feedback capacitor, C
F.
When the integrator’s output crosses the nominal threshold
level at pin 6 of the LM231/331, the timing cycle is initiated.
The average current fed into the op amp’s summing point
(pin 2) is i x (1.1 R
tCt) x f which is perfectly balanced with
−V
IN/RIN. In this circuit, the voltage offset of the LM231/331
input comparator does not affect the offset or accuracy of the
V-to-F converter as it does in the stand-alone V-to-F con-
verter; nor does the LM231/331 bias current or offset cur-
rent. Instead, the offset voltage and offset current of the op-
erational amplifier are the only limits on how small the signal
can be accurately converted. Since op amps with voltage off-
set well below 1 mV and offset currents well below 2 nA are
available at low cost, this circuit is recommended for best ac-
curacy for small signals. This circuit also responds immedi-
ately to any change of input signal (which a stand-alone cir-
cuit does not) so that the output frequency will be an
accurate representation of V
IN, as quickly as 2 output pulses’
spacing can be measured.
In the precision mode, excellent linearity is obtained be-
cause the current source (pin 1) is always at ground potential
and that voltage does not vary with V
IN or fOUT. (In the
stand-alone V-to-F converter, a major cause of non-linearity
is the output impedance at pin 1 which causes i to change as
a function of V
IN).
The circuit of
Figure 5 operates in the same way as Figure 4,
but with the necessary changes for high speed operation.
www.national.com
7


유사한 부품 번호 - LM231

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM231 NSC-LM231 Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
logo
Seoul Semiconductor
LM231 SEOUL-LM231 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM231 SEOUL-LM231 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM231 SEOUL-LM231 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM231 SEOUL-LM231 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

유사한 설명 - LM231

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM331N TI-LM331N Datasheet
778Kb / 20P
[Old version datasheet]   LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
TC1023 TELCOM-TC1023 Datasheet
134Kb / 6P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15