전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM130036 데이터시트(PDF) 5 Page - Davicom Semiconductor, Inc.

부품명 DM130036
상세설명  15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAVICOM [Davicom Semiconductor, Inc.]
홈페이지  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM130036 데이터시트(HTML) 5 Page - Davicom Semiconductor, Inc.

  DM130036 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DM130036
15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
Preliminary
Doc No: DM130036-11-MCO-DS-P01
July 11, 2016
5
3
Block Diagram
Reference
voltage
Internal
oscillator
Logic control
SCL SDA
A0
A1
irosck
Charge pump
Vref
(V1D5)
CPen
pumpck
vpp15
pp[1~5] pm[1~5]
vx2
vx3
vx4
vx5
vpp
Hi-V
channel
control
D[7~0]
wck
Hi-V out
Y[40~1]


유사한 부품 번호 - DM130036

제조업체부품명데이터시트상세설명
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
   15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
   D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
DM130338-4 ITT-DM130338-4 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

유사한 설명 - DM130036

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
   15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
Maxim Integrated Produc...
MAXM17537EVKIT MAXIM-MAXM17537EVKIT Datasheet
1,004Kb / 11P
   MAXM17537 15V Output
Rev 0; 10/19
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
STMicroelectronics
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
   Hi-Rel 40 V - 0.8 A NPN transistor
logo
ATMEL Corporation
T6816 ATMEL-T6816 Datasheet
171Kb / 15P
   40-V Dual Hex Output Driver with Serial Input Control
logo
IXYS Corporation
MX860 IXYS-MX860 Datasheet
217Kb / 2P
   /-15V ePaper Source Driver
logo
ATMEL Corporation
T6816 ATMEL-T6816_09 Datasheet
368Kb / 16P
   40-V Dual Hex Output Driver with Serial Input Control
logo
Integrated Silicon Solu...
IS31FL3236 ISSI-IS31FL3236 Datasheet
575Kb / 15P
   36 CHANNELS LED DRIVER
logo
ATMEL Corporation
T6816 ATMEL-T6816_05 Datasheet
308Kb / 16P
   40-V Dual Hex Output Driver with Serial Input Control
T6816 ATMEL-T6816_08 Datasheet
385Kb / 16P
   40-V Dual Hex Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com