전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAOOT 데이터시트(PDF) 7 Page - Rohm

부품명 BAOOT
상세설명  Low saturation voltage type 3-pin regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BAOOT 데이터시트(HTML) 7 Page - Rohm

  BAOOT Datasheet HTML 1Page - Rohm BAOOT Datasheet HTML 2Page - Rohm BAOOT Datasheet HTML 3Page - Rohm BAOOT Datasheet HTML 4Page - Rohm BAOOT Datasheet HTML 5Page - Rohm BAOOT Datasheet HTML 6Page - Rohm BAOOT Datasheet HTML 7Page - Rohm BAOOT Datasheet HTML 8Page - Rohm BAOOT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BAOOT / FP series
Regulator ICs
!
!
!
!Measurement circuits
V
22
µF
IO
VCC
OUT
VCC
GND
Fig. 1 Measurement circuit for output voltage,
input stability, load regulation,
temperature coefficient of output
voltage
V
V
22
µF
0.33
µF
100
µF
ein
eIN = 1Vrms
f = 120Hz
eOUT
10
Ω5W
VCC
OUT
VCC
GND
IO = 100mA
Ripple rejection ratio R.R. = 20 log
( eIN
eOUT
)
Fig. 2 Measurement circuit for ripple rejection ratio
22
µF
0.33
µF
IO = 500mA
V
VCC = 0.95VO
OUT
VCC
GND
Fig. 3 Measurement circuit for minimum I/O voltage differential
22
µF
0.33
µF
A
VCC
OUT
VCC
GND
Fig. 4 Measurement circuit for bias current
22
µF
0.33
µF
VCC
IOS
OUT
VCC
GND
A
Fig. 5 Measurement circuit for
output short-circuit current


유사한 부품 번호 - BAOOT

제조업체부품명데이터시트상세설명
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
More results

유사한 설명 - BAOOT

제조업체부품명데이터시트상세설명
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com