전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE021 데이터시트(PDF) 12 Page - List of Unclassifed Manufacturers

부품명 NE021
상세설명  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

NE021 데이터시트(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button NE021 Datasheet HTML 4Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 5Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 6Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 7Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 8Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 9Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 10Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 11Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
PACKAGE OUTLINE 39
RECOMMENDED P.C.B. LAYOUT
PACKAGE OUTLINE 39
(SOT-23)
LEAD
CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter
NE021 SERIES
PART NUMBER
QUANTITY
PACKAGING
NE02100
100
Waffle Pack
NE02107/NE02107B
1
Hard Pack
NE02133-T1B
3000
Tape & Reel
NE02135
1
ESD Bag
NE02139-T1
3000
Tape & Reel
ORDERING INFORMATION
PACKAGE OUTLINE 35
(MICRO-X)
3.8 MIN
0.5
±0.06
45˚
2.55
±0.2
φ2.1
0.55
1.8 MAX
+0.06
-0.04
0.1
ALL LEADS
E
C
B
E
2.8
+0.2
-0.3
+0.10
-0.05
(LEADS 2, 3, 4)
0.6
+0.10
-0.05
0.16
+0.10
-0.06
0.8
1.1
+0.2
-0.1
1
2
3
0 to 0.1
4
0.4
2.9 ± 0.2 0.95
0.85
1.9
1.5
+0.2
-0.1
4
1.0
3
2.4
2
1.9
1.0
1
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
08/05/2002


유사한 부품 번호 - NE021

제조업체부품명데이터시트상세설명
logo
NEC
NE021 NEC-NE021 Datasheet
635Kb / 14P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE021 CEL-NE021 Datasheet
184Kb / 12P
   HIGH INSERTION GAIN: 18.5 dB at 500 MHz
NE02100 CEL-NE02100 Datasheet
184Kb / 12P
   HIGH INSERTION GAIN: 18.5 dB at 500 MHz
logo
Advanced Semiconductor
NE02103 ASI-NE02103 Datasheet
38Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
California Eastern Labs
NE02107 CEL-NE02107 Datasheet
184Kb / 12P
   HIGH INSERTION GAIN: 18.5 dB at 500 MHz
More results

유사한 설명 - NE021

제조업체부품명데이터시트상세설명
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com