전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU15JA2MNVX-C 데이터시트(PDF) 9 Page - Rohm

부품명 BU15JA2MNVX-C
상세설명  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU15JA2MNVX-C 데이터시트(HTML) 9 Page - Rohm

Back Button BU15JA2MNVX-C Datasheet HTML 5Page - Rohm BU15JA2MNVX-C Datasheet HTML 6Page - Rohm BU15JA2MNVX-C Datasheet HTML 7Page - Rohm BU15JA2MNVX-C Datasheet HTML 8Page - Rohm BU15JA2MNVX-C Datasheet HTML 9Page - Rohm BU15JA2MNVX-C Datasheet HTML 10Page - Rohm BU15JA2MNVX-C Datasheet HTML 11Page - Rohm BU15JA2MNVX-C Datasheet HTML 12Page - Rohm BU15JA2MNVX-C Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
BUxxJA2MNVX-C series
9/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Reference data
BU33JA2MNVX-C
(Ta=25ºC unless otherwise specified.)
Figure 19. Load Response
Figure 20. Load Response
Figure 21. Load Response
Figure 22. Load Response
3.3
0
3.1
0
3.5
0
3.3
0
3.1
0
3.5
0
3.3
0
3.1
0
3.5
0
3.3
0
3.1
0
3.5
0
100
200
0
100
200
0
100
200
0
100
200
0
VIN=4.3V
VSTBY=1.5V
CO=0.47μF
VIN=4.3V
VSTBY=1.5V
CO=0.47μF
VIN=4.3V
VSTBY=1.5V
CO=0.47μF
VIN=4.3V
VSTBY=1.5V
CO=0.47μF
IOUT=0mA→200mA
Ta=-40°C
Ta=25°C
Ta=125°C
Ta=-40°C
Ta=25°C
Ta=125°C
IOUT=200mA→0mA
IOUT=50mA→100mA
IOUT=100mA→50mA
Ta=-40°C
Ta=25°C
Ta=125°C
Ta=-40°C
Ta=25°C
Ta=125°C


유사한 부품 번호 - BU15JA2MNVX-C

제조업체부품명데이터시트상세설명
logo
Rohm
BU15JA3DG-CTL ROHM-BU15JA3DG-CTL Datasheet
7Mb / 96P
   For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
BU15JA3DG-CTR ROHM-BU15JA3DG-CTR Datasheet
7Mb / 96P
   For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
More results

유사한 설명 - BU15JA2MNVX-C

제조업체부품명데이터시트상세설명
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com