전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU18JA2MNVX-C 데이터시트(PDF) 3 Page - Rohm

부품명 BU18JA2MNVX-C
상세설명  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU18JA2MNVX-C 데이터시트(HTML) 3 Page - Rohm

  BU18JA2MNVX-C Datasheet HTML 1Page - Rohm BU18JA2MNVX-C Datasheet HTML 2Page - Rohm BU18JA2MNVX-C Datasheet HTML 3Page - Rohm BU18JA2MNVX-C Datasheet HTML 4Page - Rohm BU18JA2MNVX-C Datasheet HTML 5Page - Rohm BU18JA2MNVX-C Datasheet HTML 6Page - Rohm BU18JA2MNVX-C Datasheet HTML 7Page - Rohm BU18JA2MNVX-C Datasheet HTML 8Page - Rohm BU18JA2MNVX-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
BUxxJA2MNVX-C series
3/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VIN
-0.3 to +6.5
V
STBY Voltage
VSTBY
-0.3 to +6.5
V
Power Dissipation
SSON004R1010
Pd
0.69 (Note1)
W
Operating Temperature Range
Topr
-40 to +125
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum junction temperature
Tjmax
+150
°C
(Note1) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.52mW per 1°C above 25°C
Recommended Operating Range
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
VIN
1.7
6.0
V
STBY Voltage
VSTBY
0.0
6.0
V
Maximum Output Current
IOUT
-
200
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Input Capacitor
CIN
0.22
(Note2)
0.47
-
µF
Ceramic capacitor recommended
Output Capacitor
CO
0.22
(Note2)
0.47
-
µF
Ceramic capacitor recommended
(Note2) Caution that the capacitance to be kept higher than this specified values under all conditions considering temperature, DC bias, etc.


유사한 부품 번호 - BU18JA2MNVX-C

제조업체부품명데이터시트상세설명
logo
Rohm
BU18JA3DG-CTL ROHM-BU18JA3DG-CTL Datasheet
7Mb / 96P
   For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
BU18JA3DG-CTR ROHM-BU18JA3DG-CTR Datasheet
7Mb / 96P
   For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
More results

유사한 설명 - BU18JA2MNVX-C

제조업체부품명데이터시트상세설명
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com