전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2090F 데이터시트(PDF) 5 Page - Rohm

부품명 BU2090F
상세설명  2-input Serial- in / Parallel- out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU2090F 데이터시트(HTML) 5 Page - Rohm

  BU2090F_15 Datasheet HTML 1Page - Rohm BU2090F_15 Datasheet HTML 2Page - Rohm BU2090F_15 Datasheet HTML 3Page - Rohm BU2090F_15 Datasheet HTML 4Page - Rohm BU2090F_15 Datasheet HTML 5Page - Rohm BU2090F_15 Datasheet HTML 6Page - Rohm BU2090F_15 Datasheet HTML 7Page - Rohm BU2090F_15 Datasheet HTML 8Page - Rohm BU2090F_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
.
5/12
BU2090F BU2090FS
TSZ02201-0RHR1GZ00110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
TSZ22111・15・001
www.rohm.com
Test Circuits - continued
VDD
VDD
VDD
A
+
IOZ
A
+
IDD
PatternGenerator
1
12
SW
+25V
RL =10kΩ
VDD
PatternGenerator
VSS
VSS
VSS
RL RL RL RL RL RL RL
RL RL RL RL RL
Figure 6. Test Circuit of
Timing Characteristics
Figure 5. Test Circuit of Output Leak Current / Static Dissipation Current


유사한 부품 번호 - BU2090F_15

제조업체부품명데이터시트상세설명
logo
Rohm
BU2090F-E2 ROHM-BU2090F-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090FS ROHM-BU2090FS Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
BU2090FS ROHM-BU2090FS Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2090FS ROHM-BU2090FS Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090FS-E2 ROHM-BU2090FS-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
More results

유사한 설명 - BU2090F_15

제조업체부품명데이터시트상세설명
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com