전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU33SD5WG-TL 데이터시트(PDF) 7 Page - Rohm

부품명 BU33SD5WG-TL
상세설명  CMOS LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU33SD5WG-TL 데이터시트(HTML) 7 Page - Rohm

Back Button BU33SD5WG-TL Datasheet HTML 3Page - Rohm BU33SD5WG-TL Datasheet HTML 4Page - Rohm BU33SD5WG-TL Datasheet HTML 5Page - Rohm BU33SD5WG-TL Datasheet HTML 6Page - Rohm BU33SD5WG-TL Datasheet HTML 7Page - Rohm BU33SD5WG-TL Datasheet HTML 8Page - Rohm BU33SD5WG-TL Datasheet HTML 9Page - Rohm BU33SD5WG-TL Datasheet HTML 10Page - Rohm BU33SD5WG-TL Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Datasheet
Datasheet
7/17
TSZ02201-0G6G0A300600-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.05.31 Rev.003
www.rohm.com
TSZ22111・15・001
BUxxSD5 series
●Reference data BU18SD5WG (Unless otherwise specified, Ta=25℃.)
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
100
Temperature Ta (℃)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
STBY Pin Voltage VSTBY (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
STBY Pin Voltage VSTBY (V)
Figure 11. STBY Threshold
Figure 12. Circuit Current (at STBY) vs. Temperature
Figure 13. STBY Pin Current vs. STBY Pin Voltage
VIN=3.5V
IOUT=0.1mA
VIN=6.0V
VSTBY=0V
Ta=105℃
Ta=25℃
Ta=-40℃
Ta=105℃
Ta=25℃
Ta=-40℃


유사한 부품 번호 - BU33SD5WG-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU33SD5WG-TL ROHM-BU33SD5WG-TL Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results

유사한 설명 - BU33SD5WG-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com