전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU30JA2MNVX-C 데이터시트(PDF) 2 Page - Rohm

부품명 BU30JA2MNVX-C
상세설명  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU30JA2MNVX-C 데이터시트(HTML) 2 Page - Rohm

  BU30JA2MNVX-C Datasheet HTML 1Page - Rohm BU30JA2MNVX-C Datasheet HTML 2Page - Rohm BU30JA2MNVX-C Datasheet HTML 3Page - Rohm BU30JA2MNVX-C Datasheet HTML 4Page - Rohm BU30JA2MNVX-C Datasheet HTML 5Page - Rohm BU30JA2MNVX-C Datasheet HTML 6Page - Rohm BU30JA2MNVX-C Datasheet HTML 7Page - Rohm BU30JA2MNVX-C Datasheet HTML 8Page - Rohm BU30JA2MNVX-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
BUxxJA2MNVX-C series
2/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Ordering Information
B
U
x
x
J
A
2
M
N
V
X
-
C TL
Part Number
Output Voltage
10 : 1.0V
33 : 3.3V
Output Current
200mA
Category
M:Automotive
Package
NVX:SSON004R1010
Product Rank
C:for Automotive
Packaging and forming
specification
TL: Embossed tape and reel
Output Voltage
1.0V
1.2V
1.25V
1.5V
1.8V
2.5V
2.8V
2.85V
3.0V
3.3V
Part Number
BU10
BU12
BU1C
BU15
BU18
BU25
BU28
BU2J
BU30
BU33
Block Diagram
Pin Configurations
Pin Descriptions
Pin No.
Pin name
Pin Function
1
VOUT
Output Voltage
2
GND
Ground
3
STBY
ON/OFF control of output voltage (High: ON, Low: OFF)
4
VIN
Power Supply Voltage
Back side
FIN
Connect to GND
SSON004R1010 (TOP VIEW)
1 VOUT
3 STBY
4 VIN
2 GND
Figure 2. Block Diagram


유사한 부품 번호 - BU30JA2MNVX-C

제조업체부품명데이터시트상세설명
logo
Rohm
BU30JA3DG-CTL ROHM-BU30JA3DG-CTL Datasheet
7Mb / 96P
   For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
BU30JA3DG-CTR ROHM-BU30JA3DG-CTR Datasheet
7Mb / 96P
   For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
More results

유사한 설명 - BU30JA2MNVX-C

제조업체부품명데이터시트상세설명
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com