전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBXDBA012LN1TAG 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 NBXDBA012LN1TAG
상세설명  3.3 V, 106.25 MHz / 212.5 MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDBA012LN1TAG 데이터시트(HTML) 3 Page - ON Semiconductor

  NBXDBA012LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXDBA012LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXDBA012LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXDBA012LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXDBA012LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXDBA012LN1TAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NBXDBA012
http://onsemi.com
3
Table 6. DC CHARACTERISTICS (VDD = 3.3 V ± 10%, GND = 0 V, TA = −40°C to +85°C)
Symbol
Characteristic
Conditions
Min.
Typ.
Max.
Units
IDD
Power Supply Current (Note 2)
82
100
mA
VIH
OE and FSEL Input HIGH Voltage
2000
VDD
mV
VIL
OE and FSEL Input LOW Voltage
GND − 300
800
mV
IIH
Input HIGH Current
OE
FSEL
−100
−100
+100
+100
mA
IIL
Input LOW Current
OE
FSEL
−100
−100
+100
+100
mA
VOH
Output HIGH Voltage (Note 2)
VDD = 3.3 V
VDD−1145
2155
VDD−895
2405
mV
VOL
Output LOW Voltage (Note 2)
VDD = 3.3 V
VDD−1945
1355
VDD−1600
1700
mV
VOUTPP
Output Voltage Amplitude (Note 2)
700
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Measurement taken with outputs terminated with 50 ohm to VDD−2 V.
Table 7. AC CHARACTERISTICS (VDD = 3.3 V ± 10%, GND = 0 V, TA = −40°C to +85°C)
Symbol
Characteristic
Conditions
Min.
Typ.
Max.
Units
fCLKOUT
Output Clock Frequency
FSEL = HIGH
106.25
MHz
FSEL = LOW
212.5
Df
Frequency Stability − NBXDBA012
(Note 4)
±50
ppm
FNOISE
Phase−Noise Performance
100 Hz of Carrier
−108/−101
dBc/Hz
fCLKout = 106.25 MHz/212.5 MHz
1 kHz of Carrier
−126/−120
dBc/Hz
(See Figures 3 and 4)
10 kHz of Carrier
−133/−126
dBc/Hz
100 kHz of Carrier
−133/−127
dBc/Hz
1 MHz of Carrier
−140/−133
dBc/Hz
10 MHz of Carrier
−162/−160
dBc/Hz
tjit(F)
RMS Phase Jitter
12 kHz to 20 MHz
0.4
0.9
ps
tjitter
Cycle to Cycle, RMS
1000 Cycles
2
8
ps
Cycle to Cycle, Peak−to−Peak
1000 Cycles
12
30
ps
Period, RMS
10,000 Cycles
1
4
ps
Period, Peak−to−Peak
10,000 Cycles
8
20
ps
tOE/OD
Output Enable/Disable Time
200
ns
tDUTY_CYCLE
Output Clock Duty Cycle
(Measured at Cross Point)
48
50
52
%
tR
Output Rise Time (20% and 80%)
(See Figures 5 and 6)
250
400
ps
tF
Output Fall Time (80% and 20%)
(See Figures 5 and 6)
250
400
ps
tstart
Start−up Time
1
5
ms
Aging
1st Year
3
ppm
Every Year After 1st
1
ppm
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Measurement taken with outputs terminated with 50 ohm to VDD−2 V. See Figure 7.
4. Parameter guarantees 10 years of aging. Includes initial stability at 25°C, shock, vibration, and first year aging.


유사한 부품 번호 - NBXDBA012LN1TAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBXDBA012LN1TAG ONSEMI-NBXDBA012LN1TAG Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
More results

유사한 설명 - NBXDBA012LN1TAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NB3N3001 ONSEMI-NB3N3001 Datasheet
115Kb / 8P
   3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 1
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
   3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBA021 ONSEMI-NBXSBA021_09 Datasheet
131Kb / 6P
   3.3 V, 266.667 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBB020 ONSEMI-NBXSBB020 Datasheet
129Kb / 7P
   3.3 V, 280 MHz LVPECL Clock Oscillator
February, 2010 ??Rev. 5
NBXSBB022 ONSEMI-NBXSBB022 Datasheet
160Kb / 6P
   3.3 V, 187.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NB3N3011 ONSEMI-NB3N3011 Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com