전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVP111-EP 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVP111-EP
상세설명  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111-EP 데이터시트(HTML) 5 Page - Texas Instruments

  CDCLVP111-EP Datasheet HTML 1Page - Texas Instruments CDCLVP111-EP Datasheet HTML 2Page - Texas Instruments CDCLVP111-EP Datasheet HTML 3Page - Texas Instruments CDCLVP111-EP Datasheet HTML 4Page - Texas Instruments CDCLVP111-EP Datasheet HTML 5Page - Texas Instruments CDCLVP111-EP Datasheet HTML 6Page - Texas Instruments CDCLVP111-EP Datasheet HTML 7Page - Texas Instruments CDCLVP111-EP Datasheet HTML 8Page - Texas Instruments CDCLVP111-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
IL
IH
V
V -
5
CDCLVP111-SP
www.ti.com
SCAS946 – NOVEMBER 2016
Product Folder Links: CDCLVP111-SP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
VID minimum and maximum is required to maintain AC specifications, actual device function tolerates a minimum VID of 100 mV.
6.5 LVECL DC Electrical Characteristics
Vsupply: VCC = 0 V, VEE = –2.375 V to –3.8 V over operating temperature range TJ = –55°C to 125°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IEE
Supply internal
current
Absolute value of current
–55°C, 25°C, 125°C
30
85
mA
ICC
Output and internal
supply current
All outputs terminated 50
Ω to VCC – 2 V
–55°C, 25°C
385
mA
125°C
405
IIN
Input current
Includes pullup and pulldown resistors,
VIH = VCC, VIL = VCC – 2 V
–55°C, 25°C, 125°C
–150
150
μA
VBB
Internally generated
bias voltage
For VEE = –3 V to –3.8 V, IBB = –0.2 mA
–55°C, 25°C, 125°C
–1.45
–1.3
–1.125
V
VEE = –2.375 V to –2.75 V, IBB = –0.2 mA
–55°C, 25°C, 125°C
–1.3
–1.25
–1.1
VIH
High-level input
voltage (CLK_SEL)
–55°C, 25°C, 125°C
–1.165
–0.88
V
VIL
Low-level input
voltage (CLK_SEL)
–55°C, 25°C, 125°C
–1.81
–1.475
V
VID
Input amplitude
(CLKn, CLKn)
Difference of input, see (1),
–55°C, 25°C, 125°C
0.5
1.3
V
VCM
Common-mode
voltage (CLKn, CLKn)
DC offset relative to VEE
–55°C, 25°C, 125°C
VEE + 1
–0.3
V
VOH
High-level output
voltage
IOH = –21 mA
–55°C
–1.26
–0.85
V
25°C
–1.2
–0.85
125°C
–1.15
–0.8
VOL
Low-level output
voltage
IOL = –5 mA
25°C
–1.85
–1.425
V
–55°C, 125°C
–1.85
–1.25
VOD
Differential output
voltage swing
Terminated with 50 Ω to VCC – 2 V, see Figure 4
–55°C, 25°C, 125°C
350
mV


유사한 부품 번호 - CDCLVP111-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results

유사한 설명 - CDCLVP111-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com