전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7920K6-G 데이터시트(PDF) 5 Page - Supertex, Inc

부품명 TC7920K6-G
상세설명  Two Pair, N- and P-Channel Enhancement-Mode MOSFET with Drain-Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC7920K6-G 데이터시트(HTML) 5 Page - Supertex, Inc

  TC7920K6-G Datasheet HTML 1Page - Supertex, Inc TC7920K6-G Datasheet HTML 2Page - Supertex, Inc TC7920K6-G Datasheet HTML 3Page - Supertex, Inc TC7920K6-G Datasheet HTML 4Page - Supertex, Inc TC7920K6-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
5
TC7920
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-TC7920
B080613
12-Lead DFN Package Outline (K6)
4.00x4.00mm body, 1.00mm height (max), 0.50mm pitch
Symbol
A
A1
A3
b
D
D2
E
E2
e
L
L1
θ
Dimension
(mm)
MIN
0.80
0.00
0.20
REF
0.18
3.85
3.19
3.85
2.29
0.50
BSC
0.30
0.00
0O
NOM
0.90
0.02
0.25
4.00
3.34
4.00
2.44
0.40
-
-
MAX
1.00
0.05
0.30
4.15
3.44
4.15
2.54
0.50
0.15
14O
Drawings not to scale.
Supertex Doc.#: DSPD-12DFNK64X4P050, Version A030210.
Seating
Plane
θ
Top View
Side View
Bottom View
A
A1
D
E
D2
e
b
E2
A3
L
L1
View B
View B
Note 1
(Index Area
D/2 x E/2)
Note 3
Note 2
Note 1
(Index Area
D/2 x E/2)
12
1
12
1
Notes:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
2.
Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present.
3.
The inner tip of the lead may be either rounded or square.


유사한 부품 번호 - TC7920K6-G

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
TC79 CDE-TC79 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
TC795 CDE-TC795 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
TC79A CDE-TC79A Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
More results

유사한 설명 - TC7920K6-G

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
TC8220 SUTEX-TC8220 Datasheet
585Kb / 6P
   Two Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
Microchip Technology
TC6321 MICROCHIP-TC6321 Datasheet
427Kb / 26P
   N- and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Microchip Technology
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
   N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC7320 SUTEX-TC7320 Datasheet
218Kb / 5P
   Six Pair N- and P-Channel Enhancement-Mode MOSFET
TC8020 SUTEX-TC8020 Datasheet
684Kb / 8P
   Six Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPC6606 SYNC-POWER-SPC6606 Datasheet
590Kb / 9P
   N and P Pair Enhancement Mode MOSFET
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com