전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6965DQ 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI6965DQ
상세설명  P-Channel 2.5-V (G-S) Battery Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6965DQ 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI6965DQ Datasheet HTML 1Page - Vishay Siliconix SI6965DQ Datasheet HTML 2Page - Vishay Siliconix SI6965DQ Datasheet HTML 3Page - Vishay Siliconix SI6965DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si6965DQ
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70798
S-56943—Rev. B, 02-Nov-98
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–0.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –16 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –16 V, VGS = 0 V, TJ = 55_C
–5
mA
On-State Drain Currenta
ID(on)
VDS w –5 V, VGS = –4.5 V
–30
A
Drain Source On State Resistancea
rDS( )
VGS = –4.5 V, ID = –5.0 A
0.028
0.035
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –3.9 A
0.043
0.060
W
Forward Transconductancea
gfs
VDS = –10 V, ID = –5.0 A
15
S
Diode Forward Voltagea
VSD
IS = –1.5 A, VGS = 0 V
–0.72
–1.2
V
Dynamicb
Total Gate Charge
Qg
V10 V V
10 V I
5 0 A
17.5
30
C
Gate-Source Charge
Qgs
VDS = –10 V, VGS = –10 V, ID = –5.0 A
4.6
nC
Gate-Drain Charge
Qgd
3.4
Turn-On Delay Time
td(on)
V10 V R
10
W
25
50
Rise Time
tr
VDD = –10 V, RL = 10 W
I1 A V
4 5 V R
6
W
30
60
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
110
200
ns
Fall Time
tf
65
120
Source-Drain Reverse Recovery Time
trr
IF = –1.5 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


유사한 부품 번호 - SI6965DQ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SI6963 FAIRCHILD-SI6963 Datasheet
98Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Vishay Siliconix
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI6963BDQ VISHAY-SI6963BDQ Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6963BDQ VISHAY-SI6963BDQ Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ-T1-E3 VISHAY-SI6963BDQ-T1-E3 Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
More results

유사한 설명 - SI6965DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
SI6968DQ VISHAY-SI6968DQ Datasheet
60Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. E, 02-Nov-98
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
SI6954ADQ VISHAY-SI6954ADQ_08 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com