전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3021-KS 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 SI3021-KS
상세설명  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SI3021-KS 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI3021-KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3021-KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3021-KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3021-KS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3021-KS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3021-KS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3021-KS Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3021-KS Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3021-KS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Si 30 35
8
Rev. 1.2
Figure 3. Serial Interface Timing Diagram
Table 8. Switching Characteristics—Serial Interface (DCE = 0)
(VA = Charge Pump, VD = 3.0 to 5.25 V, TA = 0 to 70°C for K-Grade, CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Cycle time, SCLK
tc
354
1/256 Fs
ns
SCLK duty cycle
tdty
—50
%
Delay time, SCLK
↑ to FSYNC ↓
td1
——
10
ns
Delay time, SCLK
↑ to SDO valid
td2
——
20
ns
Delay time, SCLK
↑ to FSYNC ↑
td3
——
10
ns
Setup time, SDI before SCLK
tsu
25
ns
Hold time, SDI after SCLK
th
20
ns
Setup time, FC
↑ before SCLK ↑
tsfc
40
ns
Hold time, FC
↑ after SCLK ↑
thfc
40
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH = VD – 0.4 V, VIL = 0.4 V
SCLK
t
c
t
d1
V
OH
V
OL
FSYNC
(m ode 0)
FSYNC
(m ode 1)
t
d3
t
d3
t
d2
16 Bit
SDO
16 Bit
SDI
D15
D14
D1
D0
D0
D1
D14
D15
t
su
t
h
t
sfc
t
hfc
FC


유사한 부품 번호 - SI3021-KS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3021-KS ETC1-SI3021-KS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

유사한 설명 - SI3021-KS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com