전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3025-KS 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 SI3025-KS
상세설명  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SI3025-KS 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI3025-KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Si3035
Rev. 1.2
9
Figure 4. Serial Interface Timing Diagram (DCE = 1, FSD = 0)
Table 9. Switching Characteristics—Serial Interface (DCE = 1, FSD = 0)
(VA = Charge Pump, VD = 3.0 to 5.25 V, TA = 0 to 70°C for K-Grade, CL = 20 pF)
Parameter1,2
Symbol
Min
Typ
Max
Unit
Cycle Time, SCLK
tc
354
1/256 Fs
ns
SCLK Duty Cycle
tdty
—50
%
Delay Time, SCLK
↑ to FSYNC ↑
td1
10
ns
Delay Time, SCLK
↑ to FSYNC ↓
td2
10
ns
Delay Time, SCLK
↑ to SDO valid
td3
0.25tc – 20
0.25tc + 20
ns
Delay Time, SCLK
↑ to SDO Hi-Z
td4
20
ns
Delay Time, SCLK
↑ to RGDT ↓
td5
20
ns
Delay Time, SCLK
↑ to RGDT ↑
td6
20
ns
Setup Time, SDO Before SCLK
tsu
25
ns
Hold Time, SDO After SCLK
th
20
ns
Setup Time, SDI Before SCLK
tsu2
25
ns
Hold Time, SDI After SCLK
th2
20
ns
Notes:
1. All timing is referenced to the 50% level of the waveform. Input test levels are VIH = VD – 0.4 V, VIL = 0.4 V.
2. Refer to the section "Multiple Device Support" on page 25 for functional details.
SCLK
FSYNC
(m ode 1)
t
c
t
d1
t
d2
t
d2
FSYNC
(m ode 0)
t
d5
t
d6
t
d5
SDO
(m aster)
FSD
(M ode 0)
SDO
(slave 1)
t
d3
D15
D14
D13
D0
t
su
t
h
t
d4
t
d3
D15
t
d5
SDI
D15
D0
D1 4
t
h2
t
su2
t
d2
FSD
(M ode 1)
32 S C LK s
16 S C LK s
16 S C LK s
D13


유사한 부품 번호 - SI3025-KS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3025-KS ETC1-SI3025-KS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

유사한 설명 - SI3025-KS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com