전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF16C60 데이터시트(PDF) 2 Page - Mospec Semiconductor

부품명 UF16C60
상세설명  Utra Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

UF16C60 데이터시트(HTML) 2 Page - Mospec Semiconductor

  UF16C60 Datasheet HTML 1Page - Mospec Semiconductor UF16C60 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF16C60
FIG-2 FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE (℃)
FIG-4 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG-1 TYPICAL FORWARD CHARACTERISITICS
FORWARD VOLTAGE (Volts)
FIG-3 TYPICAL REVERSE CHARACTERISTICS
REVERSE VOLTAGE (Volts)
Set time base for 10/20 ns/cm
FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram
TJ=25℃
TJ=125℃


유사한 부품 번호 - UF16C60

제조업체부품명데이터시트상세설명
logo
First Components Intern...
UF16C60 FCI-UF16C60 Datasheet
143Kb / 2P
   16 Amp ULTRAFAST SWITCHMODE POWER PLASTIC RECTIFIERS Mechanical Dimensions
UF16C60 FCI-UF16C60 Datasheet
1Mb / 2P
   16 Amp ULTRAFAST SWITCH MODEPOWER PLASTICRECTIFIERS HIGH SURGE CAP ABILITY
logo
Thinki Semiconductor Co...
UF16C60A THINKISEMI-UF16C60A Datasheet
265Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
UF16C60C THINKISEMI-UF16C60C Datasheet
265Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
UF16C60D THINKISEMI-UF16C60D Datasheet
266Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results

유사한 설명 - UF16C60

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
UF10A60 MOSPEC-UF10A60 Datasheet
200Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF15A60 MOSPEC-UF15A60 Datasheet
199Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF30C60 MOSPEC-UF30C60 Datasheet
198Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A05 MOSPEC-U05A05 Datasheet
173Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF20C60 MOSPEC-UF20C60 Datasheet
200Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF08A60 MOSPEC-UF08A60 Datasheet
188Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A30 MOSPEC-U05A30 Datasheet
191Kb / 2P
   Utra Fast Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com