전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAW8A32E 데이터시트(PDF) 2 Page - Seoul Semiconductor

부품명 SAW8A32E
상세설명  High Color Quality, CRI Min. 80
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8A32E 데이터시트(HTML) 2 Page - Seoul Semiconductor

  SAW8A32E Datasheet HTML 1Page - Seoul Semiconductor SAW8A32E Datasheet HTML 2Page - Seoul Semiconductor SAW8A32E Datasheet HTML 3Page - Seoul Semiconductor SAW8A32E Datasheet HTML 4Page - Seoul Semiconductor SAW8A32E Datasheet HTML 5Page - Seoul Semiconductor SAW8A32E Datasheet HTML 6Page - Seoul Semiconductor SAW8A32E Datasheet HTML 7Page - Seoul Semiconductor SAW8A32E Datasheet HTML 8Page - Seoul Semiconductor SAW8A32E Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8A32E
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
2
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev2.3, Oct 4, 2016
 Table of Contents 는 Product Brief 다음 장에 위치
Table of Contents
Index
Product Brief
1
Table of Contents
2
Performance Characteristics
3
Characteristics Graph
5
Color Bin Structure
11
Mechanical Dimensions
21
Recommended Solder Pad
22
Reflow Soldering Characteristics
23
Emitter Tape & Reel Packaging
24
Product Nomenclature
26
Handling of Silicone Resin for LEDs
27
Precaution For Use
28
Company Information
31


유사한 부품 번호 - SAW8A32E

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW8A32E-E1 SEOUL-SAW8A32E-E1 Datasheet
1Mb / 31P
   RoHS compliant
SAW8A32E-E2 SEOUL-SAW8A32E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
More results

유사한 설명 - SAW8A32E

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW8C22B-IZ SEOUL-SAW8C22B-IZ Datasheet
1Mb / 31P
   High Color Quality with CRI Min.80(R9>0)
STW9C2SB SEOUL-STW9C2SB Datasheet
1Mb / 31P
   High Color Quality with CRI Min.90
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
Guangdong Youtai Semico...
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
   Collector-emitter voltage: 80 V (min)
logo
Toshiba Semiconductor
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
   HIGH QUALITY STEREO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com