전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAW8A32E 데이터시트(PDF) 3 Page - Seoul Semiconductor

부품명 SAW8A32E
상세설명  High Color Quality, CRI Min. 80
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8A32E 데이터시트(HTML) 3 Page - Seoul Semiconductor

  SAW8A32E Datasheet HTML 1Page - Seoul Semiconductor SAW8A32E Datasheet HTML 2Page - Seoul Semiconductor SAW8A32E Datasheet HTML 3Page - Seoul Semiconductor SAW8A32E Datasheet HTML 4Page - Seoul Semiconductor SAW8A32E Datasheet HTML 5Page - Seoul Semiconductor SAW8A32E Datasheet HTML 6Page - Seoul Semiconductor SAW8A32E Datasheet HTML 7Page - Seoul Semiconductor SAW8A32E Datasheet HTML 8Page - Seoul Semiconductor SAW8A32E Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8A32E
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev2.3, Oct 4, 2016
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Part Number
CCT (K)
[1]
RANK
Luminous Intensity
[2]
Luminous Flux
[3]
CRI
IV (cd)
ФV (lm)
Ra
Typ.
Min
Max
Min
Max
Min.
SAW8A32E
6500
L37
37.0
38.5
114.7
119.4
80
L38
38.5
40.0
119.4
124.0
80
M40
40.0
42.0
124.0
130.2
80
5600
L37
37.0
38.5
114.7
119.4
80
L38
38.5
40.0
119.4
124.0
80
M40
40.0
42.0
124.0
130.2
80
5000
L37
37.0
38.5
114.7
119.4
80
L38
38.5
40.0
119.4
124.0
80
M40
40.0
42.0
124.0
130.2
80
M42
42.0
44.0
130.2
136.4
80
4500
L37
37.0
38.5
112.9
117.4
80
L38
38.5
40.0
117.4
122.0
80
M40
40.0
42.0
122.0
128.1
80
M42
42.0
44.0
128.1
134.2
80
4000
L37
37.0
38.5
112.9
117.4
80
L38
38.5
40.0
117.4
122.0
80
M40
40.0
42.0
122.0
128.1
80
3500
L35
35.0
37.0
105.0
110.0
80
L37
37.0
38.5
111.0
115.5
80
L38
38.5
40.0
115.5
120.0
80
3000
L35
35.0
37.0
105.0
110.0
80
L37
37.0
38.5
111.0
115.5
80
L38
38.5
40.0
115.5
120.0
80
2700
L35
35.0
37.0
105.0
110.0
80
L37
37.0
38.5
111.0
115.5
80
Table 2. Product Selection Guide, I
F = 100mA, Tj = 25ºC, RH30%
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) The lumen table is only for reference.
Notes :


유사한 부품 번호 - SAW8A32E

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW8A32E-E1 SEOUL-SAW8A32E-E1 Datasheet
1Mb / 31P
   RoHS compliant
SAW8A32E-E2 SEOUL-SAW8A32E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
More results

유사한 설명 - SAW8A32E

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW8C22B-IZ SEOUL-SAW8C22B-IZ Datasheet
1Mb / 31P
   High Color Quality with CRI Min.80(R9>0)
STW9C2SB SEOUL-STW9C2SB Datasheet
1Mb / 31P
   High Color Quality with CRI Min.90
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
Guangdong Youtai Semico...
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
   Collector-emitter voltage: 80 V (min)
logo
Toshiba Semiconductor
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
   HIGH QUALITY STEREO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com