전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAW9C22B-NZ 데이터시트(PDF) 11 Page - Seoul Semiconductor

부품명 SAW9C22B-NZ
상세설명  Superior High Intensity for High Voltage System
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW9C22B-NZ 데이터시트(HTML) 11 Page - Seoul Semiconductor

Back Button SAW9C22B-NZ Datasheet HTML 7Page - Seoul Semiconductor SAW9C22B-NZ Datasheet HTML 8Page - Seoul Semiconductor SAW9C22B-NZ Datasheet HTML 9Page - Seoul Semiconductor SAW9C22B-NZ Datasheet HTML 10Page - Seoul Semiconductor SAW9C22B-NZ Datasheet HTML 11Page - Seoul Semiconductor SAW9C22B-NZ Datasheet HTML 12Page - Seoul Semiconductor SAW9C22B-NZ Datasheet HTML 13Page - Seoul Semiconductor SAW9C22B-NZ Datasheet HTML 14Page - Seoul Semiconductor SAW9C22B-NZ Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW9C22B-NZ
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.2, Oct 31, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Table 4. Bin Code description, T
j=25℃, IF=150mA
*Notes :
(1) Calculated performance values are for reference only.
(2) Luminous Intensity values are based on CCT 2700K.
• All measurements were made under the standardized environment of Seoul Semiconductor.
In order to ensure availability, single color rank will not be orderable.
Part
Number
Luminous Flux
(lm) [1]
Luminous
Intensity (cd) [2]
Color
Chromaticity
Coordinate
Typical Forward
Voltage
(V)
Bin
Code
Min.
Max.
Min.
Max.
Bin
Code
Min.
Max.
SAW9C22B
-NZ
L34
104
110
34
36
Refer to
Page. 11~19
Z60
6.0
6.2
L36
110
116
36
38
Z62
6.2
6.4
L38
116
122
38
40
Table 5. Intensity rank distribution
Available ranks
CCT
CIE
IV Rank
6000- 7000K
A
L34
L36
L38
5300- 6000K
B
L34
L36
L38
4700 ~ 5300K
C
L34
L36
L38
4200 ~ 4700K
D
L34
L36
L38
3700 ~ 4200K
E
L34
L36
L38
3200 ~ 3700K
F
L34
L36
L38
2900 ~ 3200K
G
L34
L36
L38
2600 ~ 2900K
H
L34
L36
L38


유사한 부품 번호 - SAW9C22B-NZ

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW9C72A SEOUL-SAW9C72A Datasheet
1Mb / 27P
   Superior High Intensity for High Voltage System
SAW9CF2A SEOUL-SAW9CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9CF2B SEOUL-SAW9CF2B Datasheet
1Mb / 25P
   Superior High Intensity for High Voltage System
More results

유사한 설명 - SAW9C22B-NZ

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW8CF2A SEOUL-SAW8CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9CF2A SEOUL-SAW9CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW7C22B-IZ SEOUL-SAW7C22B-IZ Datasheet
1Mb / 31P
   Superior High Intensity for High Voltage System
SAW8CF2B SEOUL-SAW8CF2B Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9CF2B SEOUL-SAW9CF2B Datasheet
1Mb / 25P
   Superior High Intensity for High Voltage System
SAW8C72A SEOUL-SAW8C72A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9C72A SEOUL-SAW9C72A Datasheet
1Mb / 27P
   Superior High Intensity for High Voltage System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com