전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-SAW8WA2A 데이터시트(PDF) 9 Page - Seoul Semiconductor

부품명 SSC-SAW8WA2A
상세설명  White colored SMT package.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-SAW8WA2A 데이터시트(HTML) 9 Page - Seoul Semiconductor

Back Button SSC-SAW8WA2A Datasheet HTML 5Page - Seoul Semiconductor SSC-SAW8WA2A Datasheet HTML 6Page - Seoul Semiconductor SSC-SAW8WA2A Datasheet HTML 7Page - Seoul Semiconductor SSC-SAW8WA2A Datasheet HTML 8Page - Seoul Semiconductor SSC-SAW8WA2A Datasheet HTML 9Page - Seoul Semiconductor SSC-SAW8WA2A Datasheet HTML 10Page - Seoul Semiconductor SSC-SAW8WA2A Datasheet HTML 11Page - Seoul Semiconductor SSC-SAW8WA2A Datasheet HTML 12Page - Seoul Semiconductor SSC-SAW8WA2A Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
REV.02
REV.02
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC-QP-7-07-12 (Rev.01)
9
Forward Current -Chromaticity Coordinate characteristics,
Ta=25℃
Radiation pattern, IF=40mA
-90
-60
-30
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
Angle [degree]
0.447
0.448
0.449
0.450
0.451
0.452
0.400
0.402
0.404
0.406
0.408
10 mA
20 mA
30 mA
40 mA
x


유사한 부품 번호 - SSC-SAW8WA2A

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
SSC-SAW8WA2A MINI-SSC-SAW8WA2A Datasheet
1Mb / 23P
   This surface-mount LED comes
More results

유사한 설명 - SSC-SAW8WA2A

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
STW8T16C SEOUL-STW8T16C Datasheet
845Kb / 28P
   White colored SMT package
KWT803 SEOUL-KWT803 Datasheet
2Mb / 17P
   White colored SMT package
SAW8WA2A SEOUL-SAW8WA2A Datasheet
2Mb / 23P
   White colored SMT package
SSC-STW8T16C SEOUL-SSC-STW8T16C Datasheet
845Kb / 28P
   White colored SMT package
logo
OSRAM GmbH
GW-P9LMS1.EM OSRAM-GW-P9LMS1.EM Datasheet
656Kb / 23P
   white SMT package, colored diffused
CUWY3SH.B1-DEGF-4A7V-1 OSRAM-CUWY3SH.B1-DEGF-4A7V-1 Datasheet
786Kb / 25P
   white SMT package, colored diffused
KW-DCLMS1.PC OSRAM-KW-DCLMS1.PC Datasheet
1Mb / 25P
   white SMT package, colored silicone resin
LW-M673 OSRAM-LW-M673 Datasheet
648Kb / 23P
   white SMT package, colored diffused resin
LUW-JDSH.EC-F OSRAM-LUW-JDSH.EC-F Datasheet
344Kb / 22P
   white SMT package, colored silicone resin
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
   white SMT package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com