전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU1S12S1AG-TR 데이터시트(PDF) 8 Page - Rohm

부품명 BU1S12S1AG-TR
상세설명  Successive Approximation A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU1S12S1AG-TR 데이터시트(HTML) 8 Page - Rohm

Back Button BU1S12S1AG-TR Datasheet HTML 4Page - Rohm BU1S12S1AG-TR Datasheet HTML 5Page - Rohm BU1S12S1AG-TR Datasheet HTML 6Page - Rohm BU1S12S1AG-TR Datasheet HTML 7Page - Rohm BU1S12S1AG-TR Datasheet HTML 8Page - Rohm BU1S12S1AG-TR Datasheet HTML 9Page - Rohm BU1S12S1AG-TR Datasheet HTML 10Page - Rohm BU1S12S1AG-TR Datasheet HTML 11Page - Rohm BU1S12S1AG-TR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
BU1S12S1AG-LB
8/16
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0GSG0GZ10180-1-2
04.Jul.2016 Rev.001
Typical Performance Characteristics – continued
Unless otherwise noted, Ta=25 °C, fIN =100 kHz.
60
65
70
75
80
0
5
10
15
20
Clock Frequency [MHz]
55
60
65
70
75
0
5
10
15
20
Clock Frequency [MHz]
75
80
85
90
95
0
5
10
15
20
Clock Frequency [MHz]
-100
-95
-90
-85
-80
-75
-70
0
5
10
15
20
Clock Frequency [MHz]
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
Frequency [kHz]
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
Frequency [kHz]
Figure 16. SPECTRAL RESPONCE
(VA=5V, fSCLK=10MHz, fS=500kSPS)
Figure 17. SPECTRAL RESPONCE
(VA=5V, fSCLK=20MHz, fS=1MSPS)
Figure 14. SFDR vs CLOCK FREQUENCY
Figure 15. THD vs CLOCK FREQUENCY
Figure 12. SNR vs CLOCK FREQUENCY
Figure 13. SINAD vs CLOCK FREQUENCY
VA = 5V
VA = 3V
VA = 5V
VA = 3V
VA = 5V
VA = 3V
VA = 5V
VA = 3V


유사한 부품 번호 - BU1S12S1AG-TR

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
BU10-005 FRONTIER-BU10-005 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-005F FRONTIER-BU10-005F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01 FRONTIER-BU10-01 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01F FRONTIER-BU10-01F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-02 FRONTIER-BU10-02 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

유사한 설명 - BU1S12S1AG-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BH2715FV ROHM-BH2715FV Datasheet
2Mb / 18P
   Successive Approximation A/D Converter
logo
Nippon Precision Circui...
SM6150 NPC-SM6150 Datasheet
161Kb / 6P
   Successive-approximation 8-bit A/D Converter
SM6155P NPC-SM6155P Datasheet
183Kb / 7P
   Successive-approximation 8-bit A/D Converter
logo
List of Unclassifed Man...
ZN439 ETC1-ZN439 Datasheet
344Kb / 25P
   8-Bit Successive Approximation A-D Converter
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
   12-Bit Successive Approximation High Acquisition A/D Converter
AD5215 AD-AD5215_15 Datasheet
2Mb / 6P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTER
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
ADADC80 AD-ADADC80 Datasheet
475Kb / 6P
   12-BIT SUCCESSIVE APPROXIMATION INTERATED CIRCUIT A/D CONVERTER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com