전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2394KN 데이터시트(PDF) 7 Page - Rohm

부품명 BU2394KN
상세설명  3ch Clock Generator for Digital Cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU2394KN 데이터시트(HTML) 7 Page - Rohm

Back Button BU2394KN_15 Datasheet HTML 3Page - Rohm BU2394KN_15 Datasheet HTML 4Page - Rohm BU2394KN_15 Datasheet HTML 5Page - Rohm BU2394KN_15 Datasheet HTML 6Page - Rohm BU2394KN_15 Datasheet HTML 7Page - Rohm BU2394KN_15 Datasheet HTML 8Page - Rohm BU2394KN_15 Datasheet HTML 9Page - Rohm BU2394KN_15 Datasheet HTML 10Page - Rohm BU2394KN_15 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BU2394KN
7/21
TSZ02201-0E3E0J500700-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
04.Nov.2015 Rev.001
Typical Performance Curves
– continued
Figure 11. 98MHz Period-Jitter
(At VDD=3.3V and CL=15pF)
500psec/div
Figure 12. 98MHz Spectrum
(At VDD=3.3V and CL=15pF)
10KHz/div
RBW=1KHz
VBW=100Hz
Figure 9. 108MHz Spectrum
(At VDD=3.3V and CL=15pF)
10KHz/div
RBW=1KHz
VBW=100Hz
Figure 10. 98MHz Output Wave
(At VDD=3.3V and CL=15pF)
2.0nsec/div


유사한 부품 번호 - BU2394KN_15

제조업체부품명데이터시트상세설명
logo
Rohm
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
More results

유사한 설명 - BU2394KN_15

제조업체부품명데이터시트상세설명
logo
Rohm
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU7331EKN-E2 ROHM-BU7331EKN-E2 Datasheet
572Kb / 21P
   3ch Programmable Clock Generator
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com