전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2506FV-E2 데이터시트(PDF) 1 Page - Rohm

부품명 BU2506FV-E2
상세설명  10bit 4ch/6ch D/A Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU2506FV-E2 데이터시트(HTML) 1 Page - Rohm

  BU2506FV-E2 Datasheet HTML 1Page - Rohm BU2506FV-E2 Datasheet HTML 2Page - Rohm BU2506FV-E2 Datasheet HTML 3Page - Rohm BU2506FV-E2 Datasheet HTML 4Page - Rohm BU2506FV-E2 Datasheet HTML 5Page - Rohm BU2506FV-E2 Datasheet HTML 6Page - Rohm BU2506FV-E2 Datasheet HTML 7Page - Rohm BU2506FV-E2 Datasheet HTML 8Page - Rohm BU2506FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/17
TSZ02201-0RLR0GZ10150-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.com
p
TSZ22111・14・001
D/A Converter Series for Electronic Adjustment
10bit 4ch/6ch D/A Converters
BU2507FV BU2508FV
General Description
The BU2507FV and BU2508FV ICs are 10bit R-2R type
D/A converters with 6ch and 4ch outputs, respectively.
Each channel incorporates a full swing output-type buffer
amplifier with high speed output response characteristics,
resulting in a greatly shortened D/A output settling time.
The ICs also have digital input pins compatible with TTL
levels, and the maximum value of the data transfer
frequency is 10MHz. With the variable output range
function, the upper and lower limits of the output voltage
can be set separately from the power supply voltage.
Features
Built-in Multi-channel R-2R Type 10bit D/A Converter
(BU2508FV: 4 Channels, BU2507FV: 6 Channels)
Built-in Full Swing Output Buffer Amplifier for All
Channels
RESET Terminal to fix the Output Voltage to the Lower
Reference Level for All Channels
Digital Inputs Compatible with TTL Levels
3-wire Serial Interface and RESET Signal to send a
14bit Format Word (4bit Address and 10bit Data)
Applications
Control of the Various Types of Consumer and
Industrial Equipment
Key Specifications
Operating Supply Voltage Range:
4.5V to 5.5V
Number of Channels:
BU2507FV:
6ch
BU2508FV:
4ch
Differential Non Linearity Error:
±1.0LSB(Max)
Integral Non Linearity Error:
±3.5LSB(Max)
Data Transfer Frequency:
10MHz(Max)
Packages
W(Typ) x D(Typ) x H(Max)
SSOP-B14
5.00mm x 6.40mm x 1.35mm
Typical Application Circuit
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
SSOP-B14
AO1
AO2
AO3
VrefH
VrefL
VCC
GND
AO6
DI
CLK
LD
Controller
CH1
CH2
CH3
CH6
Reset
VDD
(VrefH)
VSS
(VrefL)
RESET
VCC
LD
CLK
DI
GND
Controller
AO1
AO2
AO3
AO6
CH1
CH2
CH3
CH6
Datasheet


유사한 부품 번호 - BU2506FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
More results

유사한 설명 - BU2506FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK8432 AKM-AK8432 Datasheet
1Mb / 46P
   6CH 10bit 40MSPS횞3
logo
Rohm
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com