전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP05AKSZ-REEL 데이터시트(PDF) 9 Page - Analog Devices

부품명 TMP05AKSZ-REEL
상세설명  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

TMP05AKSZ-REEL 데이터시트(HTML) 9 Page - Analog Devices

Back Button TMP05AKSZ-REEL Datasheet HTML 5Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 6Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 7Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 8Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 9Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 10Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 11Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 12Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
OUT
1
CONV/IN
2
FUNC
3
VDD
5
GND
4
TMP05/
TMP06
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT
Digital Output. Pulse-width modulated (PWM) output gives a square wave whose ratio of high to low period is
proportional to temperature.
2
CONV/IN
Digital Input. In continuously converting and one shot operating modes, a high, low, or float input determines the
temperature measurement rate. In daisy-chain operating mode, this pin is the input pin for the PWM signal from
the previous part on the daisy chain.
3
FUNC
Digital Input. A high, low, or float input on this pin gives three different modes of operation. For details, see the
Operating Modes section.
4
GND
Analog and Digital Ground.
5
VDD
Positive Supply Voltage, 3.0 V to 5.5 V. Use of a decoupling capacitor of 0.1 µF as close as possible to this pin is
strongly recommended.


유사한 부품 번호 - TMP05AKSZ-REEL

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TMP057-059-32-36 TRANSCOM-TMP057-059-32-36 Datasheet
18Kb / 1P
   5 W GaAs PA PCB Module for 5.8 GHz Application
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results

유사한 설명 - TMP05AKSZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com