전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4052BC 데이터시트(PDF) 1 Page - Rohm

부품명 BU4052BC
상세설명  Dual 4ch Analog Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4052BC 데이터시트(HTML) 1 Page - Rohm

  BU4052BC Datasheet HTML 1Page - Rohm BU4052BC Datasheet HTML 2Page - Rohm BU4052BC Datasheet HTML 3Page - Rohm BU4052BC Datasheet HTML 4Page - Rohm BU4052BC Datasheet HTML 5Page - Rohm BU4052BC Datasheet HTML 6Page - Rohm BU4052BC Datasheet HTML 7Page - Rohm BU4052BC Datasheet HTML 8Page - Rohm BU4052BC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/17
TSZ02201-0RDR0GZ00290-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
08.Jan.2015 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
General Purpose CMOS Logic IC
Dual 4ch
Analog Multiplexer/Demultiplexer
BU4052BC BU4052BCF BU4052BCFV
General Description
The
BU4052BC,
BU4052BCF,
BU4052BCFV
are
multiplexers/demultiplexers with capabilities of selection
and mixture of analog signal and digital signal.
This series are configured with dual 4 channels
input/output. The digital signal of the control terminal turns
on the corresponding switch of each channel. The large
amplitude voltage (VDD-VEE) can be switched by the
control signal with small logical amplitude voltage
(VDD-VSS).
Features
Low power consumption
Wide operating supply voltage
High input impedance
Truth Table
Key Specifications
Operating Supply Voltage Range:
3V to 18V
Input Voltage Range(Control):
VSS to VDD
Input/Output Voltage Range(switch):
VEE to VDD
Operating Temperature Range:
-40°C to +85°C
Packages
W(Typ) x D(Typ) x H(Max)
DIP16
19.40mm x 6.50mm x 7.95mm
SOP16
10.00mm x 6.20mm x 1.71mm
SSOP-B16
5.00mm x 6.40mm x 1.35mm
CONTROL
ON SWITCH
INHIBIT
A
B
L
L
L
X0, Y0
L
H
L
X1, Y1
L
L
H
X2, Y2
L
H
H
X3, Y3
H
Don’t Care
Don’t Care
NONE
DIP16
SOP16
SSOP-B16
Datasheet


유사한 부품 번호 - BU4052BC

제조업체부품명데이터시트상세설명
logo
Rohm
BU4052BC ROHM-BU4052BC Datasheet
79Kb / 7P
   Dual 4-channel analog multiplexer / demultiplexer
BU4052BC ROHM-BU4052BC Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BC ROHM-BU4052BC Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
logo
List of Unclassifed Man...
BU4052BC ETC2-BU4052BC Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BU4052BC-E2 ROHM-BU4052BC-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
More results

유사한 설명 - BU4052BC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com