전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4094BCF-E2 데이터시트(PDF) 6 Page - Rohm

부품명 BU4094BCF-E2
상세설명  8bit Static Shift/Store Register
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4094BCF-E2 데이터시트(HTML) 6 Page - Rohm

Back Button BU4094BCF-E2 Datasheet HTML 2Page - Rohm BU4094BCF-E2 Datasheet HTML 3Page - Rohm BU4094BCF-E2 Datasheet HTML 4Page - Rohm BU4094BCF-E2 Datasheet HTML 5Page - Rohm BU4094BCF-E2 Datasheet HTML 6Page - Rohm BU4094BCF-E2 Datasheet HTML 7Page - Rohm BU4094BCF-E2 Datasheet HTML 8Page - Rohm BU4094BCF-E2 Datasheet HTML 9Page - Rohm BU4094BCF-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/19
TSZ02201-0RDR0GZ00240-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Aug.2014 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BU4094BC
BU4094BCF
BU4094BCFV
Typical Performance Curves
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
VDD=15V
-40°C
25°
C
85°C
-40°C
25°
C
85°C
VDD=10V
VDD=5V
-40°C
25°
C
85°C
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=16V
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=16V
-50
-40
-30
-20
-10
0
0
5
10
15
20
Output Voltage [V]
85℃
25℃
-40℃
VDD=5V
VDD=10V
85℃
25℃
-40℃
85℃
25℃
-40℃
VDD=15V
Figure 1. Output
“H” Current vs Output Voltage
Figure 2. Output
“L” Current vs Output Voltage
Figure 3. Propagation Delay Time tPLH (CLOCK–QS)
vs Ambient Temperature
Figure 4. Propagation Delay Time tPHL (CLOCK–QS)
vs Ambient Temperature


유사한 부품 번호 - BU4094BCF-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU4094BCF-E2 ROHM-BU4094BCF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

유사한 설명 - BU4094BCF-E2

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TD62801P TOSHIBA-TD62801P Datasheet
237Kb / 7P
   8BIT SHIFT REGISTER/LATCH/DRIVER
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
ON Semiconductor
MC74HCT4094A ONSEMI-MC74HCT4094A Datasheet
142Kb / 11P
   8-Bit Shift and Store Register
March, 2011 ??Rev. 0
logo
Rohm
BU4094BC ROHM-BU4094BC Datasheet
88Kb / 5P
   8-bit compatible shift / store register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
logo
ON Semiconductor
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Unisonic Technologies
U74HCT4094 UTC-U74HCT4094_15 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com