전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU21024FV-E2 데이터시트(PDF) 4 Page - Rohm

부품명 BU21024FV-E2
상세설명  Resistive Type Touch Screen Controller ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU21024FV-E2 데이터시트(HTML) 4 Page - Rohm

  BU21024FV-E2 Datasheet HTML 1Page - Rohm BU21024FV-E2 Datasheet HTML 2Page - Rohm BU21024FV-E2 Datasheet HTML 3Page - Rohm BU21024FV-E2 Datasheet HTML 4Page - Rohm BU21024FV-E2 Datasheet HTML 5Page - Rohm BU21024FV-E2 Datasheet HTML 6Page - Rohm BU21024FV-E2 Datasheet HTML 7Page - Rohm BU21024FV-E2 Datasheet HTML 8Page - Rohm BU21024FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
BU21023GUL
BU21023MUV
BU21024FV-M
4/16
Datasheet
Datasheet
TSZ02201-0L5L0F300190-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
31.Mar.2014 Rev.003
www.rohm.com
TSZ22111・15・001
BU21024FV-M
Block Diagram and Description of each Block
Screen I/F
4-wire or 8-wire resistive touch screen interface
ADC
10-bit A/D converter
OSC
Internal 20MHz oscillator block with optional external clock input
Regulator
Internal regulator provides 1.8V DVDD supply. DVDD can also be supplied from an
external source if DVDD_EXT pin is tied high.
Clock Generator
System clock and timing generation (10MHz CPU clock)
CPU Core
For dual touch processing, programmability and HOST interface
Work Memory
Data memory for CPU
Program Memory
Program memory for CPU. Code can be downloaded by HOST processor or from an
external EEPROM
EEPROM I/F
To connect to external EEPROM when downloading program memory from EEPROM.
Use of external EEPROM is optional.
Host I/F
4-wire SPI or 2-wire I
2C interface provides access to registers


유사한 부품 번호 - BU21024FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU21024FV-M ROHM-BU21024FV-M Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21024FV-ME2 ROHM-BU21024FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21024FV-ME2 ROHM-BU21024FV-ME2 Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

유사한 설명 - BU21024FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU21023GUL ROHM-BU21023GUL_16 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL_11 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com