전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU26154MUV-E2 데이터시트(PDF) 1 Page - Rohm

부품명 BU26154MUV-E2
상세설명  Monaural Audio CODEC with Touch Panel Interface
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU26154MUV-E2 데이터시트(HTML) 1 Page - Rohm

  BU26154MUV-E2 Datasheet HTML 1Page - Rohm BU26154MUV-E2 Datasheet HTML 2Page - Rohm BU26154MUV-E2 Datasheet HTML 3Page - Rohm BU26154MUV-E2 Datasheet HTML 4Page - Rohm BU26154MUV-E2 Datasheet HTML 5Page - Rohm BU26154MUV-E2 Datasheet HTML 6Page - Rohm BU26154MUV-E2 Datasheet HTML 7Page - Rohm BU26154MUV-E2 Datasheet HTML 8Page - Rohm BU26154MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/86
TSZ02201-0V2V0E500110-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
26.Oct.2015 Rev.002
TSZ22111 • 14 • 001
www.rohm.com
The 24bit Audio CODEC series
Monaural Audio CODEC
with Touch Panel Interface
BU26154MUV
General Description
BU26154 is a low-power compact audio CODEC.
BU26154 also incorporates touch panel interface and
Cap-Less headphones amplifier, speaker amplifier which
is most suitable for digital still cameras, electronic
dictionaries. BU26154 has built-in voltage regulator for
the stability of CODEC characteristic that is sensitive to
the outside noise. Speaker amplifier that can change AB
/ D Class. Therefore, when the interference including the
FM
radio
influences
it,
BU26154
can
prevent
interference by operating AB grade. As digital code
processing, it is equipped with the high-pass filter as the
noise cut use of the specific frequency band, Notch filter
and the Equalizer of 5 bands and P
2Bass+, Noise gate,
and flexible sound quality effect processing is possible.
Features
Various sound processing functions
P
2Bass+
Noise gate
Fast release ALC
5-band Equalizer/Notch Filter
High PSRR is attained by built-in regulator
Speaker amplifier can be switched to AB class and
D class.
Touch panel interface.
Applications
Electronic Dictionary
Digital Still Camera
Digital Single-lens Reflex Camera
Digital Mirror-less Camera
Digital Video Camera, others
Key Specifications
HVDD Power Supply:
2.7V to 3.6V
SPVDD Power Supply:
2.7V to 5.5V
CPDD Power Supply:
2.7V to 3.6V
TVDD Power Supply:
2.7V to 3.6V
MIC-ADC SNR:
92dB(Typ)
DAC-SP SNR:
95dB (Typ)
DAC-HP SNR:
93dB (Typ)
Package(s)
W (Typ) x D (Typ) x H (Max)
VQFN040V6060
6.00mm x 6.00mm x 1.00mm
Typical Application Circuit(s)
Figure 1. Block Diagram
VQFN040V6060
ALC
Filter
Sound Effect
SP
SPOUT+
SPOUT-
MICBIAS
CLOCK
PLL
Serial
Audio
InterFac
e
MCLKI
SAI_SDOUT
SAI_SDIN
SAI_BCLK
SAI_LRCLK
SDATA/SDA
SCLK
CSB/SCL
RESETB
CPU
I/F
HVDD1 HGND2
VMID
LDO
HPL
RESET
TSTO
REGOUT
REGOUT
HPVDD
SPVDD
REGOUT
HVDD
REGOUT
REGOUT
REGOUT
REGOUT
REGOUT
ADC
REGOUT
HPR
HPVDD
MBIASCAP
MIN1
MIN2
HP
PGA
IO
IO
IO
IO
IOVDD
IOVDD
IOVDD
IOVDD
CPP
CPN
HPVDD
HPVSS
HP
HPVSS
XP
XN
YP
YN
TOUCH
PANEL I/F
TVDD
TVDD
HPVSS
TGND
REGOUT
CPGND
Bias
Class AB or
Class D
PLLC
DAC
DAC
IRQB
VOL
VOL
HPVSS
CHARGE
PUMP
CPVDD
HPVDD
LDO
SPVDD
SPGND
HPCOM
HGND1


유사한 부품 번호 - BU26154MUV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 89P
   High PSRR is attained by built-in regulator
More results

유사한 설명 - BU26154MUV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Texas Instruments
PCM2912A TI1-PCM2912A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Audio Codec With USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com