전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-STW8T16C 데이터시트(PDF) 6 Page - Seoul Semiconductor

부품명 SSC-STW8T16C
상세설명  White colored SMT package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-STW8T16C 데이터시트(HTML) 6 Page - Seoul Semiconductor

Back Button SSC-STW8T16C Datasheet HTML 2Page - Seoul Semiconductor SSC-STW8T16C Datasheet HTML 3Page - Seoul Semiconductor SSC-STW8T16C Datasheet HTML 4Page - Seoul Semiconductor SSC-STW8T16C Datasheet HTML 5Page - Seoul Semiconductor SSC-STW8T16C Datasheet HTML 6Page - Seoul Semiconductor SSC-STW8T16C Datasheet HTML 7Page - Seoul Semiconductor SSC-STW8T16C Datasheet HTML 8Page - Seoul Semiconductor SSC-STW8T16C Datasheet HTML 9Page - Seoul Semiconductor SSC-STW8T16C Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SSC-STW8T16C
March 2013
www.seoulsemicon.com
서식번호 : SSC-QP-7-07-12 (Rev.01)
2. Characteristics of STW8T16C
1) Electro-Optical characteristics at 65mA
2) Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Forward Current
IF
100
mA
Power Dissipation*[3]
Pd
315
mW
Junction Temperature
Tj
125
ºC
Operating Temperature
Topr
-40 ~ +85
ºC
Storage Temperature
Tstg
-40 ~ +100
ºC
ESD (HBM)
±
5,000V HBM
V
Parameter
Symbol
Value
Unit
Min
Typ
Max
Forward Voltage
VF
2.8
-
3.3
V
Reverse Voltage
VR
-
0.9
1.2
V
Luminous Intensity*[1]
(3,700~8,200 K)
Iv
-
9.0
(27.5)
-
cd
(lm)
Luminous Intensity*[1]
(2,600~3,700 K)
Iv
-
8.2
(24.6)
-
cd
(lm)
Correlated Color
Temperature
CCT
2,600
-
8,200
K
Viewing Angle [2]
1/2
-
120
-
-
Color Rendering Index*
Ra
80
-
90
-
Thermal resistance
(J to S)
J-S
-
14
-
K/W
(Ta=25℃, RH30%)
Notes :
All measurements were made under the standardized environment of SSC.
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range.
[1] The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
[2] 2Θ1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[3] Care is to be taken that power dissipation does not exceed the absolute maximum rating of
the product.
* Tolerance : VF :±0.1V, IV :±7%, Ra :±2, x,y :±0.007


유사한 부품 번호 - SSC-STW8T16C

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-STW0Q2PA SEOUL-SSC-STW0Q2PA Datasheet
3Mb / 24P
   Lead Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
More results

유사한 설명 - SSC-STW8T16C

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
STW8T16C SEOUL-STW8T16C Datasheet
845Kb / 28P
   White colored SMT package
SSC-SAW8WA2A SEOUL-SSC-SAW8WA2A Datasheet
2Mb / 23P
   White colored SMT package.
KWT803 SEOUL-KWT803 Datasheet
2Mb / 17P
   White colored SMT package
SAW8WA2A SEOUL-SAW8WA2A Datasheet
2Mb / 23P
   White colored SMT package
logo
OSRAM GmbH
GW-P9LMS1.EM OSRAM-GW-P9LMS1.EM Datasheet
656Kb / 23P
   white SMT package, colored diffused
CUWY3SH.B1-DEGF-4A7V-1 OSRAM-CUWY3SH.B1-DEGF-4A7V-1 Datasheet
786Kb / 25P
   white SMT package, colored diffused
KW-DCLMS1.PC OSRAM-KW-DCLMS1.PC Datasheet
1Mb / 25P
   white SMT package, colored silicone resin
LW-M673 OSRAM-LW-M673 Datasheet
648Kb / 23P
   white SMT package, colored diffused resin
LUW-JDSH.EC-F OSRAM-LUW-JDSH.EC-F Datasheet
344Kb / 22P
   white SMT package, colored silicone resin
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
   white SMT package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com