전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6004V6XX 데이터시트(PDF) 8 Page - Littelfuse

부품명 L6004V6XX
상세설명  4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6004V6XX 데이터시트(HTML) 8 Page - Littelfuse

Back Button L6004V6XX Datasheet HTML 2Page - Littelfuse L6004V6XX Datasheet HTML 3Page - Littelfuse L6004V6XX Datasheet HTML 4Page - Littelfuse L6004V6XX Datasheet HTML 5Page - Littelfuse L6004V6XX Datasheet HTML 6Page - Littelfuse L6004V6XX Datasheet HTML 7Page - Littelfuse L6004V6XX Datasheet HTML 8Page - Littelfuse L6004V6XX Datasheet HTML 9Page - Littelfuse L6004V6XX Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/03/16
Teccor® brand Thyristors
4 Amp Sensitive & Standard Triacs
Dimensions — TO-251AA (V-Package) — V-PAK Through Hole
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.037
0.040
0.043
0.94
1.01
1.09
B
0.235
0.242
0.245
5.97
6.15
6.22
C
0.350
0.361
0.375
8.89
9.18
9.53
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.66
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
G
0.087
0.090
0.093
2.21
2.28
2.36
H
0.085
0.092
0.095
2.16
2.34
2.41
I
0.176
0.180
0.184
4.47
4.57
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
K
0.035
0.037
0.039
0.90
0.95
1.00
L
0.018
0.020
0.023
0.46
0.52
0.58
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
R
0.034
0.039
0.044
0.86
1.00
1.11
S
0.074
0.079
0.084
1.86
2.00
2.11
AREA: 0.040 IN2
T
C MEASURING POINT
GATE
G
I
E
D
A
B
C
F
J
H
K
L
5.28
.208
5.34
.210
MT2
MT1
MT2
P
Q
R
S
Dimensions — TO-252AA (D-Package) — D-PAK Surface Mount
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.037
0.040
0.043
0.94
1.01
1.09
B
0.235
0.243
0.245
5.97
6.16
6.22
C
0.106
0.108
0.113
2.69
2.74
2.87
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.65
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
G
0.087
0.090
0.093
2.21
2.28
2.36
H
0.085
0.092
0.095
2.16
2.33
2.41
I
0.176
0.179
0.184
4.47
4.55
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
K
0.035
0.037
0.039
0.90
0.95
1.00
L
0.018
0.020
0.023
0.46
0.51
0.58
M
0.000
0.000
0.004
0.00
0.00
0.10
N
0.021
0.026
0.027
0.53
0.67
0.69
O
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
M
O
N
H
J
L
K
.118
3
.063
1.60
.071
1.80
.264
6.71
.264
6.71
.181
4.60
GATE
MT2
MT1
MT2
T
C MEASURING POINT
G
I
D
E
A
B
C
F
5.28
.208
5.34
.210
: 0.040 IN2
AREA
P
Q


유사한 부품 번호 - L6004V6XX

제조업체부품명데이터시트상세설명
logo
Teccor Electronics
L6004V6 TECCOR-L6004V6 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6004V6 LITTELFUSE-L6004V6 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
L6004V6 LITTELFUSE-L6004V6 Datasheet
905Kb / 10P
   4 Amp Sensitive & Standard Triacs
logo
Teccor Electronics
L6004V6 TECCOR-L6004V6 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004V6 LITTELFUSE-L6004V6 Datasheet
176Kb / 8P
   Sensitive Triacs
More results

유사한 설명 - L6004V6XX

제조업체부품명데이터시트상세설명
logo
Littelfuse
L6004V3TP LITTELFUSE-L6004V3TP Datasheet
905Kb / 10P
   4 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com