전자부품 데이터시트 검색엔진 |
|
SMAJ10 데이터시트(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd |
|
SMAJ10 데이터시트(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd |
2 / 3 page ELECTRICAL CHARACTERISTICS(TA=25℃ unless otherwise noted) Device Working Peak Reverse Voltage (V) Breakdown Voltage @IT VBR(V)(1) Test Curren IT (mA) Maximum Reverse Leakage @VWM ID(μΑ)(2) Maximum Peak Pulse Surge Current IPPM (A)(3) Maximum Clamping Voltage @ IPPM VC(V) Device Marking Code UNI BI Min Max UNI BI SMAJ5.0 SMAJ5.0C 5.0 6.40 7.30 7.30 10 800 32.0 9.6 5.0V 5.0C SMAJ5.0A SMAJ5.0CA 5.0 6.40 7.00 7.00 10 800 34.0 9.2 5.0A 5.0D SMAJ6.0 SMAJ6.0C 6.0 6.67 8.15 8.15 10 800 27.6 11.4 6.0V 6.0C SMAJ6.0A SMAJ6.0CA 6.0 6.67 7.37 7.37 10 800 30.5 10.3 6.0A 6.0D SMAJ6.5 SMAJ6.5C 6.5 7.22 8.82 8.82 10 500 25.6 12.3 6.5V 6.5C SMAJ6.5A SMAJ6.5CA 6.5 7.22 7.98 7.98 10 500 28.0 11.2 6.5A 6.5D SMAJ7.0 SMAJ7.0C 7.0 7.78 9.51 9.51 10 200 23.6 13.3 7.0V 7.0C SMAJ7.0A SMAJ7.0CA 7.0 7.78 8.60 8.60 10 200 26.0 12.0 7.0A 7.0D SMAJ7.5 SMAJ7.5C 7.5 8.33 10.3 10.3 1.0 100 22.0 14.3 7.5V 7.5C SMAJ7.5A SMAJ7.5CA 7.5 8.33 9.21 9.21 1.0 100 24.4 12.9 7.5A 7.5D SMAJ8.0 SMAJ8.0C 8.0 8.89 10.9 10.9 1.0 50.0 21.0 15.0 8.0V 8.0C SMAJ8.0A SMAJ8.0CA 8.0 8.89 9.83 9.83 1.0 50.0 23.0 13.6 8.0A 8.0D SMAJ8.5 SMAJ8.5C 8.5 9.44 11.5 11.5 1.0 10.0 19.8 15.9 8.5V 8.5C SMAJ8.5A SMAJ8.5CA 8.5 9.44 10.4 10.4 1.0 10.0 21.8 14.4 8.5A 8.5D SMAJ9.0 SMAJ9.0C 9.0 10.0 12.2 12.2 1.0 5.0 18.6 16.9 9.0V 9.0C SMAJ9.0A SMAJ9.0CA 9.0 10.0 11.1 11.1 1.0 5.0 20.4 15.4 9.0A 9.0D SMAJ10 SMAJ10C 10 11.1 13.6 13.6 1.0 5.0 16.7 18.8 10V 10C SMAJ10A SMAJ10CA 10 1 1.1 12.3 12.3 1.0 5.0 18.5 17.0 10A 10D SMAJ11 SMAJ11C 11 12.2 14.9 14.9 1.0 5.0 15.6 20.1 11V 11C SMAJ11A SMAJ11CA 11 12.2 13.5 13.5 1.0 5.0 17.3 18.2 11A 11D SMAJ12 SMAJ12C 12 13.3 16.3 16.3 1.0 5.0 14.3 22.0 12V 12C SMAJ12A SMAJ12CA 12 13.3 14.7 14.7 1.0 5.0 15.8 19.9 12A 12D SMAJ13 SMAJ13C 13 14.4 17.6 17.6 1.0 5.0 13.0 23.8 13V 13C SMAJ13A SMAJ13CA 13 14.4 15.9 15.9 1.0 5.0 14.6 21.5 13A 13D SMAJ14 SMAJ14C 14 15.6 19.1 19.1 1.0 5.0 12.2 25.8 14V 14C SMAJ14A SMAJ14CA 14 15.6 17.2 17.2 1.0 5.0 13.5 23.2 14A 14D SMAJ15 SMAJ15C 15 16.7 20.4 20.4 1.0 5.0 11.7 26.9 15V 15C SMAJ15A SMAJ15CA 15 16.7 18.5 18.5 1.0 5.0 12.9 24.4 15A 15D SMAJ16 SMAJ16C 16 17.8 21.8 21.8 1.0 5.0 10.9 28.8 16V 16C SMAJ16A SMAJ16CA 16 17.8 19.7 19.7 1.0 5.0 12.0 26.0 16A 16D SMAJ17 SMAJ17C 17 18.9 23.1 23.1 1.0 5.0 10.3 30.5 17V 17C SMAJ17A SMAJ17CA 17 18.9 20.9 20.9 1.0 5.0 11.4 27.6 17A 17D SMAJ18 SMAJ18C 18 20.0 24.4 24.4 1.0 5.0 9.7 32.2 18V 18C SMAJ18A SMAJ18CA 18 20.0 22.1 22.1 1.0 5.0 10.7 29.2 18A 18D SMAJ20 SMAJ20C 20 22.2 27.1 27.1 1.0 5.0 8.7 35.8 20V 20C SMAJ20A SMAJ20CA 20 22.2 24.5 24.5 1.0 5.0 9.7 32.4 20A 20D SMAJ22 SMAJ22C 22 24.4 29.8 29.8 1.0 5.0 8.0 39.4 22V 22C SMAJ22A SMAJ22CA 22 24.4 26.9 26.9 1.0 5.0 8.8 35.5 22A 22D SMAJ24 SMAJ24C 24 26.7 32.6 32.6 1.0 5.0 7.3 43.0 24V 24C SMAJ24A SMAJ24CA 24 26.7 29.5 29.5 1.0 5.0 8.0 38.9 24A 24D SMAJ26 SMAJ26C 26 28.9 35.3 35.3 1.0 5.0 6.7 46.6 26V 26C SMAJ26A SMAJ26CA 26 28.9 31.9 31.9 1.0 5.0 7.4 42.1 26A 26D SMAJ28 SMAJ28C 28 31.1 38.0 38.0 1.0 5.0 6.3 50.0 28V 28C SMAJ28A SMAJ28CA 28 31.1 34.4 34.4 1.0 5.0 6.9 45.4 28A 28D SMAJ30 SMAJ30C 30 33.3 40.7 40.7 1.0 5.0 5.8 53.5 30V 30C SMAJ30A SMAJ30CA 30 33.3 36.8 36.8 1.0 5.0 6.5 48.4 30A 30D SMAJ33 SMAJ33C 33 36.7 44.9 44.9 1.0 5.0 5.3 59.0 33V 33C SMAJ33A SMAJ33CA 33 36.7 40.6 40.6 1.0 5.0 5.9 53.3 33A 33D SMAJ36 SMAJ36C 36 40.0 48.9 1.0 5.0 4.8 64.3 36V 36C |
유사한 부품 번호 - SMAJ10 |
|
유사한 설명 - SMAJ10 |