전자부품 데이터시트 검색엔진 |
|
SMAJ26A 데이터시트(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd |
|
SMAJ26A 데이터시트(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd |
1 / 3 page SMAJ SERIES SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS FEATURE .Plastic package has Underwriters Laboratory Flammability Classification 94V-0 .300W surge capability at10×100us waveform, Duty cycle:0.01% .Excellent clamping capability .Low zener impedance .Fast response time:Typically less then 1.0ps from 0 volts to V BR for unidirectional and 5.0ns for bidirectional .Typical I R less then 1 μΑ above 10V .High temperature soldering guaranteed: 260°C /10 seconds at terminals. MECHANICAL DATA .Case: Molded plastic .Epoxy: UL94V-0 rate flame retardant .Lead: MIL-STD- 202E, Method 208 guaranteed .Polarity: Color band denotes cathode end .Packaging:12mm tape per EIA STD RS-481 .Mounting position: Any Voltage Range 5.0 to 170 V 300W Peak Power NO Fig1(mm) Fig2(mm) A 1.9~2.4 1.98~2.3 B 1.2~1.8 1.35~1.6 C 0.23MAX 0.2MAX D 2.4~2.9 2.4~2.9 E 3.8~4.6 3.8~4.6 F 0.8~1.8 0.8~1.8 G 4.8~5.8 4.8~5.8 M AXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25°C ambient temperature unless otherwise stated. Single-phase, half-wave, 60HZ, resistive or inductive load. For capacotive load, derate current by 20% Type Number SYMBOL Value units Peak Power Dissipation at TA=25°C,Tp=1ms (note 1) PPPM Minimum 300 W Steady State Power Dissipation .375"lead length at TL=75°C (note 2) PD 1.0 W Peak Forward Surge Current 8.3ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (note 3) IFSM 40 A Storage Temperature TSTG -55 to +150 °C Operating Junction Temperature TJ -55 to +125 °C Note: 1. Non-repetitive Current Pulse Per Fig.3 and Derated above TA=25°C Per Fig.2 . 2. Mounted on Copper Pad Area of 0.2×0.2″ (5×5mm)Per Fig.5 . 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes Maximum. Devices for Bipolar Applications 1. For Bidirectional Use C or CA Suffix for Types SMAJ5.0 thru Types SMAJ170. 2. Electrical Characteristics Apply in Both Directions. Fig2: SMA/DO-214AC FOR GLASS PASSIVATED DICE PACKAGING OUTLINE FOR OPEN JUNCTION DICE PACKAGING OUTLINE Fig1: SMA/DO-214AC* |
유사한 부품 번호 - SMAJ26A |
|
유사한 설명 - SMAJ26A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |