전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB12-600BW 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 BTB12-600BW
상세설명  TO-220-3L Plastic-Encapsulate ThyristorS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BTB12-600BW 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BTB12-600BW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BTB12-600BW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BTB12-600BW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220-3L Plastic-Encapsulate ThyristorS
BTB12
-600 3Q TRIAC
FEATURE
High Blocking Voltage Capability
High Surge Current Capability
High Commutation Performances
Uniform Gate Trigger Currents in Three Quadrants
Medium Current Triac
APPLICATION
General purpose AC switching
Motor control, static relays, light dimmers and appliance motors
speed controllers
Bidirectional switching and phase control
MAXIMUM RATINGS (@Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VDRM
Repetitive Peak Off-state Voltage
600
V
IT(RMS)
RMS On-state Current
12
A
ITSM
Non-repetitive Peak On-state Surge Current
@ tp =20ms
@ tp =16.7ms
120
126
A
I
2t
I
2t for Fusing @t=10ms
7
2
A
2s
dI/dt
Critical Rate of Rise of On-state Current
50
A/μs
IGM
Peak Gate Current
4
A
VGM
Peak Gate Voltage
5
V
PGM
Peak Gate Power
20
W
PG(AV)
Average Gate Power
1
W
RθJA
Thermal Resistance from Junction to Ambient
62.5
℃/W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
TO-220-3L
1.MAIN TERMINAL1
2.MAIN TERMINAL2
3.GATE
www.cj-elec.com
1
1
3
2
A-1,Jun,2016


유사한 부품 번호 - BTB12-600BW

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTB12-600BW STMICROELECTRONICS-BTB12-600BW Datasheet
116Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-600BW KERSEMI-BTB12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Inchange Semiconductor ...
BTB12-600BW ISC-BTB12-600BW Datasheet
206Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTB12-600BW STMICROELECTRONICS-BTB12-600BW Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
logo
HAOPIN MICROELECTRONICS...
BTB12-600BW HAOPIN-BTB12-600BW Datasheet
490Kb / 5P
   Three quadrant triacs
More results

유사한 설명 - BTB12-600BW

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
BT136 JIANGSU-BT136 Datasheet
293Kb / 2P
   TO-220-3L Plastic-Encapsulate Thyristors
logo
First Silicon Co., Ltd
BT136-600E FS-BT136-600E Datasheet
388Kb / 4P
   TO-220 Plastic-Encapsulate Thyristors
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com