전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416S4030CT-F10 데이터시트(PDF) 1 Page - Samsung semiconductor

부품명 KM416S4030CT-F10
상세설명  1M x 16Bit x 4 Banks Synchronous DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S4030CT-F10 데이터시트(HTML) 1 Page - Samsung semiconductor

  KM416S4030CT-F10 Datasheet HTML 1Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 2Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 3Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 4Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 5Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 6Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 7Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 8Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
KM416S4030C
REV. 2 June '98
CMOS SDRAM
Preliminary
Revision History
Revision 1 (May 1998)
- ICC2N value (10mA) is changed to 12mA.
Revision .2 (June 1998)
- tSH (-10 binning) is revised.


유사한 부품 번호 - KM416S4030CT-F10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-G7 SAMSUNG-KM416S1021CT-G7 Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-G8 SAMSUNG-KM416S1021CT-G8 Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-GS SAMSUNG-KM416S1021CT-GS Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
logo
List of Unclassifed Man...
KM416S1120D ETC-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
More results

유사한 설명 - KM416S4030CT-F10

제조업체부품명데이터시트상세설명
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V66GF HYNIX-HY5V66GF Datasheet
208Kb / 11P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
logo
Hynix Semiconductor
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com