전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISB0105D15 데이터시트(PDF) 3 Page - XP Power Limited

부품명 ISB0105D15
상세설명  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISB0105D15 데이터시트(HTML) 3 Page - XP Power Limited

  ISB0105D15 Datasheet HTML 1Page - XP Power Limited ISB0105D15 Datasheet HTML 2Page - XP Power Limited ISB0105D15 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ISB01 Series
www.xppower.com
DC-DC Converter
3
22 Dec 15
1
7
6
14
8
9
2
S
0.15 S
0.74 (18.9)
0.33
(8.45)
0.01
(0.25)
0.6 (15.0)
Seating
Plane
0.04
(1.1)
0.5 (12.7)
0.04 (1.0)
Top View
0.1
(1.8)
0.1 (2.54)
0.64
(16.15)
0.73
(18.6)
0.54
(13.7)
0.60 (15.24)
0.10
(2.54)
0.06
(1.6)
0.10
(2.45)
0.54
(13.7)
0.68
(17.2)
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class A
1. All dimensions are in inches (mm)
2. Weight: 0.01 lbs (4.5 g) approx.
3. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
4. Pin Tolerance: ±0.002 (±0.05)
Notes
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
2
Remote On/Off
Remote On/Off
6
No Connection
Common
7
No Connection
-Vout
8
+Vout
+Vout
9
-Vout
Common
14
+Vin
+Vin
Mechanical Details
Application Notes
-40
0
Ambient Temperature (°C)
100
95
75
Derating Curve
Connecting Pin Pattern
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB
IEC60950-1
ITE
UL
UL/cUL60950-1
ITE


유사한 부품 번호 - ISB0105D15

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
ISB-A27-0 SANYO-ISB-A27-0 Datasheet
68Kb / 4P
   Ultrathin Miniature Package 4-channel N-channel MOSFET Array
ISB-A40-0 SANYO-ISB-A40-0 Datasheet
62Kb / 4P
   Ultrathin Miniature Package Reverse-Current Flow Prevention for a Cell Phone Charger Circuit SBD횞4
ISB-E48-0 SANYO-ISB-E48-0 Datasheet
64Kb / 6P
   Ultrathin Miniature Package Charger Circuit Voltage Sensor 3 P-channel MOSFETs
ISB-E48-1 SANYO-ISB-E48-1 Datasheet
64Kb / 6P
   Ultrathin Miniature Package Charger Circuit Voltage Sensor 3 P-channel MOSFETs
logo
Isahaya Electronics Cor...
ISB1035AS1 ISAHAYA-ISB1035AS1 Datasheet
219Kb / 3P
   FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results

유사한 설명 - ISB0105D15

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com