전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSR1680-N59FTR 데이터시트(PDF) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

부품명 SSR1680-N59FTR
상세설명  Built-In Detection Voltage Hysteresis
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
홈페이지  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR1680-N59FTR 데이터시트(HTML) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Back Button SSR1680-N59FTR Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR1680-N59FTR Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR1680-N59FTR Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR1680-N59FTR Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR1680-N59FTR Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR1680-N59FTR Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR1680-N59FTR Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR1680-N59FTR Datasheet HTML 10Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR1680-N59FTR Datasheet HTML 11Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technical Data
Ultra Low Power Voltage Detector
Data Sheet N1591 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR1680
Application Information
The timing diagram of VDD and VOUT is shown as below:
Application Example
R1 + R2
VOUT-ADJ = VDET
R2
R1 + R2
Hysteresis Voltage
= VHYS
R2
In some application, divided resisters are used to obtain detector threshold voltage as figure11 shown. If the value
of resister, R1, sets extremely large, voltage drop may occur resulting from the start-up current of IC, and detector
threshold may oscillation.
The guaranteed minimum operation voltage of
SSR1680 is 1.5V. As the supply voltage (VDD) is
reduced below 1.5V, the performance degrades,
N-ch or P-ch driving capacity degrades, and the
supply current decreases. SSR1680 isn’t
functioning when VDD down to 0.8V.


유사한 부품 번호 - SSR1680-N59FTR

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
SSR1630CAJ SSDI-SSR1630CAJ Datasheet
46Kb / 2P
   16 AMPS 30 VOLTS SCHOTTKY RECTIFIER
SSR1630CTJ SSDI-SSR1630CTJ Datasheet
46Kb / 2P
   16 AMPS 30 VOLTS SCHOTTKY RECTIFIER
SSR1630DJ SSDI-SSR1630DJ Datasheet
46Kb / 2P
   16 AMPS 30 VOLTS SCHOTTKY RECTIFIER
SSR1640A SSDI-SSR1640A Datasheet
50Kb / 2P
   15 AMP 40 VOLTS SCHOTTKY RECTIFIER
SSR1645 SSDI-SSR1645 Datasheet
200Kb / 2P
   20 AMP 45 VOLTS SCHOTTKY RECTIFIER
More results

유사한 설명 - SSR1680-N59FTR

제조업체부품명데이터시트상세설명
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
logo
Sharp Corporation
PC904 SHARP-PC904 Datasheet
82Kb / 6P
   Built-in Voltage Detection Circuit Type Photocoupler
logo
Shenzhen Huazhimei Semi...
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
   built-in high-precision voltage detection circuit
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit and built-in MOSFET
logo
Sharp Corporation
PC905 SHARP-PC905 Datasheet
84Kb / 6P
   Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit
logo
List of Unclassifed Man...
MN1871675 ETC1-MN1871675 Datasheet
33Kb / 2P
   REMOTE CONTROL DATA DETECTION CIRCUIT BUILT-IN
logo
TOKYO SEIMITSU CO., LTD
AT50316-05C-021 ACCRETECH-AT50316-05C-021 Datasheet
332Kb / 4P
   Built-In Type ATC Run-Out Detection System
logo
Omron Electronics LLC
W2GF-02 OMRON-W2GF-02 Datasheet
190Kb / 4P
   Built-in type ideal for touch detection in gaming machines.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com