전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZW04P239B 데이터시트(PDF) 4 Page - MDE Semiconductor, Inc.

부품명 BZW04P239B
상세설명  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MDE [MDE Semiconductor, Inc.]
홈페이지  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

BZW04P239B 데이터시트(HTML) 4 Page - MDE Semiconductor, Inc.

  BZW04P239B Datasheet HTML 1Page - MDE Semiconductor, Inc. BZW04P239B Datasheet HTML 2Page - MDE Semiconductor, Inc. BZW04P239B Datasheet HTML 3Page - MDE Semiconductor, Inc. BZW04P239B Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
11/13/2013
400 Watt TVS
UNI- POLAR
BI-POLAR
BZW 04P48
BZW 04P48B
47.80
53.20
61.60
1.0
77.0
5.20
5.0
BZW 04-48
BZW 04-48B
47.80
53.20
58.80
1.0
77.0
5.20
5.0
BZW 04P53
BZW 04P53B
53.00
58.90
68.20
1.0
85.0
4.70
5.0
BZW 04-53
BZW 04-53B
53.00
58.90
65.10
1.0
85.0
4.70
5.0
BZW 04P58
BZW 04P58B
58.10
64.60
74.80
1.0
92.0
4.30
5.0
BZW 04-58
BZW 04-58B
58.10
64.60
71.40
1.0
92.0
4.30
5.0
BZW 04P64
BZW 04P64B
64.10
71.30
82.50
1.0
103.0
3.90
5.0
BZW 04-64
BZW 04-64B
64.10
71.30
78.80
1.0
103.0
3.90
5.0
BZW 04P70
BZW 04P70B
70.10
77.90
90.20
1.0
113.0
3.50
5.0
BZW 04-70
BZW 04-70B
70.10
77.90
86.10
1.0
113.0
3.50
5.0
BZW 04P78
BZW 04P78B
78.00
86.50
100.00
1.0
125.0
3.20
5.0
BZW 04-78
BZW 04-78B
78.00
86.50
95.50
1.0
125.0
3.20
5.0
BZW 04P85
BZW 04P85B
85.80
95.00
110.00
1.0
137.0
2.90
5.0
BZW 04-85
BZW 04-85B
85.50
95.00
105.00
1.0
137.0
2.90
5.0
BZW 04P94
BZW 04P94B
94.00
105.00
121.00
1.0
152.0
2.60
5.0
BZW 04-94
BZW 04-94B
94.00
105.00
116.00
1.0
152.0
2.60
5.0
BZW 04P102
BZW 04P102B
102.00
114.00
132.00
1.0
165.0
2.40
5.0
BZW 04-102
BZW 04-102B
102.00
114.00
126.00
1.0
165.0
2.40
5.0
BZW 04P110
BZW 04P110B
111.00
124.00
143.00
1.0
179.0
2.20
5.0
BZW 04-110
BZW 04-110B
111.00
124.00
137.00
1.0
179.0
2.20
5.0
BZW 04P128
BZW 04P128B
128.00
143.00
165.00
1.0
207.0
2.00
5.0
BZW 04-128
BZW 04-128B
128.00
143.00
158.00
1.0
207.0
2.00
5.0
BZW 04P136
BZW 04P136B
136.00
152.00
176.00
1.0
219.0
1.80
5.0
BZW 04-136
BZW 04-136B
136.00
152.00
168.00
1.0
219.0
1.80
5.0
BZW 04P145
BZW 04P145B
145.00
161.00
187.00
1.0
234.0
1.70
5.0
BZW 04-145
BZW 04-145B
145.00
161.00
179.00
1.0
234.0
1.70
5.0
BZW 04P154
BZW 04P154B
154.00
171.00
198.00
1.0
246.0
1.60
5.0
BZW 04-154
BZW 04-154B
154.00
171.00
189.00
1.0
246.0
1.60
5.0
BZW 04P171
BZW 04P171B
171.00
190.00
220.00
1.0
274.0
1.50
5.0
BZW 04-171
BZW 04-171B
171.00
190.00
210.00
1.0
274.0
1.50
5.0
BZW 04P188
BZW 04P188B
188.00
209.00
242.00
1.0
301.0
1.40
5.0
BZW 04-188
BZW 04-188B
188.00
209.00
231.00
1.0
301.0
1.40
5.0
BZW 04P213
BZW 04P213B
213.00
237.00
275.00
1.0
344.0
1.50
5.0
BZW 04-213
BZW 04-213B
213.00
237.00
263.00
1.0
344.0
1.50
5.0
BZW 04P239
BZW 04P239B
239.00
266.00
308.00
1.0
384.0
1.50
5.0
BZW 04-239
BZW 04-239B
239.00
266.00
294.00
1.0
384.0
1.50
5.0
BZW 04P256
BZW 04P256B
256.00
285.00
330.00
1.0
414.0
1.20
5.0
BZW 04-256
BZW 04-256B
256.00
285.00
315.00
1.0
414.0
1.20
5.0
BZW 04P273
BZW 04P273B
273.00
304.00
352.00
1.0
438.0
1.20
5.0
BZW 04-273
BZW 04-273B
273.00
304.00
336.00
1.0
438.0
1.20
5.0
BZW 04P299
BZW 04P299B
299.00
332.00
385.00
1.0
482.0
0.90
5.0
BZW 04-299
BZW 04-299B
299.00
332.00
368.00
1.0
482.0
0.90
5.0
BZW 04P342
BZW 04P342B
342.00
380.00
440.00
1.0
548.0
0.90
5.0
BZW 04-342
BZW 04-342B
342.00
380.00
420.00
1.0
548.0
0.90
5.0
BZW 04P376
BZW 04P376B
376.00
418.00
484.00
1.0
603.0
0.80
5.0
BZW 04-376
BZW 04-376B
376.00
418.00
462.00
1.0
603.0
0.80
5.0
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For Part No. which use the character "p" , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(μA)
BZW04
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT


유사한 부품 번호 - BZW04P239B

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
BZW04P239B BILIN-BZW04P239B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04P239B VISHAY-BZW04P239B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Taychipst Elec...
BZW04P239B TAYCHIPST-BZW04P239B Datasheet
3Mb / 4P
   Transient Voltage Suppressors
More results

유사한 설명 - BZW04P239B

제조업체부품명데이터시트상세설명
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com