전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25M01XI-T2 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 CAT25M01XI-T2
상세설명  1 Mb SPI Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M01XI-T2 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button CAT25M01XI-T2 Datasheet HTML 6Page - ON Semiconductor CAT25M01XI-T2 Datasheet HTML 7Page - ON Semiconductor CAT25M01XI-T2 Datasheet HTML 8Page - ON Semiconductor CAT25M01XI-T2 Datasheet HTML 9Page - ON Semiconductor CAT25M01XI-T2 Datasheet HTML 10Page - ON Semiconductor CAT25M01XI-T2 Datasheet HTML 11Page - ON Semiconductor CAT25M01XI-T2 Datasheet HTML 12Page - ON Semiconductor CAT25M01XI-T2 Datasheet HTML 13Page - ON Semiconductor CAT25M01XI-T2 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT25M01
www.onsemi.com
10
Hold Operation
The HOLD input can be used to pause communication
between host and CAT25M01. To pause, HOLD must be
taken low while SCK is low (Figure 11). During the hold
condition the device must remain selected (CS low). During
the pause, the data output pin (SO) is tri−stated (high
impedance) and SI transitions are ignored. To resume
communication, HOLD must be taken high while SCK is
low.
Design Considerations
The CAT25M01 device incorporates Power−On Reset
(POR) circuitry which protects the internal logic against
powering up in the wrong state. The device will power up
into Standby mode after VCC exceeds the POR trigger level
and will power down into Reset mode when VCC drops
below the POR trigger level. This bi−directional POR
behavior protects the device against ‘brown−out’ failure
following a temporary loss of power.
The CAT25M01 device powers up in a write disable state
and in a low power standby mode. A WREN instruction
must be issued prior any writes to the device.
After power up, the CS pin must be brought low to enter
a ready state and receive an instruction. After a successful
byte/page write or status register write, the device goes into
a write disable mode. The CS input must be set high after the
proper number of clock cycles to start the internal write
cycle. Access to the memory array during an internal write
cycle is ignored and programming is continued. Any invalid
op−code will be ignored and the serial output pin (SO) will
remain in the high impedance state.
SCK
SO
HIGH IMPEDANCE
Figure 11. HOLD Timing
tLZ
HOLD
CS
tCD
tHD
tHD
tCD
tHZ
Note: Dashed Line = mode (1, 1)


유사한 부품 번호 - CAT25M01XI-T2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25M01XI-T2 ONSEMI-CAT25M01XI-T2 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01XI-T2 ONSEMI-CAT25M01XI-T2 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
More results

유사한 설명 - CAT25M01XI-T2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
CAT25M02 ONSEMI-CAT25M02 Datasheet
176Kb / 12P
   2 Mb SPI Serial CMOS EEPROM
January, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_16 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com