전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N01S830HAT22ET 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 N01S830HAT22ET
상세설명  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830HAT22ET 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button N01S830HAT22ET Datasheet HTML 2Page - ON Semiconductor N01S830HAT22ET Datasheet HTML 3Page - ON Semiconductor N01S830HAT22ET Datasheet HTML 4Page - ON Semiconductor N01S830HAT22ET Datasheet HTML 5Page - ON Semiconductor N01S830HAT22ET Datasheet HTML 6Page - ON Semiconductor N01S830HAT22ET Datasheet HTML 7Page - ON Semiconductor N01S830HAT22ET Datasheet HTML 8Page - ON Semiconductor N01S830HAT22ET Datasheet HTML 9Page - ON Semiconductor N01S830HAT22ET Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
N01S830HA, N01S830BA
www.onsemi.com
6
Figure 6. SPI Write Sequence
CS
Instruction
SI
04
3
25
16
9
810
7
11
SCK
23
22
21
20
210
7
65
43
21
0
High−Z
24−bit address
Data In to ADDR 1
SO
29
31
30
32
36
37
38
39
34
35
33
000
0
0
010
7
654
3
21
0
Data In to ADDR 2
7
65
43
21
0
7
65
43
21
0
...
40
42
41
43
47
48
49
50
45
46
44
51
53
52
54
55
ADDR 1
Data In to ADDR 3
Data In to ADDR n
High−Z
Figure 7. DUAL Write Sequence
H0
H0
L0
L0
H1
H1
Ln
Ln
Data in
MSB
Notes:
CS
SIO1:0]
04
3
25
112
15
14
16
13
17
SCK
A11
A0
18
20
19
C3
C2
A10
A3
A2
A1
MSB
Instruction
24−bit address
21
C1
C0
C[3:0] = 02h
H0 = 2 high order bits of data byte 0
L0 = 2 low order bits of data byte 0
H1 = 2 high order bits of data byte 1
L1 = 2 low order bits of data byte 1


유사한 부품 번호 - N01S830HAT22ET

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
N01S830HAT22I ONSEMI-N01S830HAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HAT22IT ONSEMI-N01S830HAT22IT Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
More results

유사한 설명 - N01S830HAT22ET

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com