전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744835021220 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744835021220
상세설명  Rated Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744835021220 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744835021220 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744835021220 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744835021220 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744835021220 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744835021220 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
Scale - 1:2
1
2
3
4
5
6
70,0 max.
detail A
2,0
O
typ.
6,0 min.
1
A
Recommended Hole Pattern: [mm]
Scale - 1:2
6x O2,6
O 5,0
3
2
1
4
5
6
Schematic:
7
6
3
2
1
4
5
6
Properties
Test conditions
Value
Unit
Tol.
Inductance
10 kHz/ 0.1 mA
L
3x2.1
mH
±30%
Rated Current
@ 70 °C
IR
22
A
max.
DC Resistance
@ 20 °C
RDC
3x9
mΩ
max.
Rated Voltage
50 Hz
UR
760
V (AC)
max.
Insulation Test Voltage
50 Hz/ 2 sec.
UT
3000
V (AC)
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Operating Temperature
-40 °C up to +125 °C
Temperature Rise < 55K
Due to heavy weight, we recommend to fix the component on PCB with a self tapping screw:
4.8*xx = screw length, depends from used PCB thickness
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HasA
DIN ISO 2768-1m
DESCRIPTION
WE-TPBHV Three-Phase Common
Mode Power Line Choke
ORDER CODE
744835021220
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4XL
001.000
Valid
2016-09-15
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744835021220

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744835034160 WURTH-744835034160 Datasheet
369Kb / 5P
   Rated Current
744835050135 WURTH-744835050135 Datasheet
454Kb / 5P
   Rated Current
744835090095 WURTH-744835090095 Datasheet
464Kb / 5P
   Insulation Test Voltage
More results

유사한 설명 - 744835021220

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744835034160 WURTH-744835034160 Datasheet
369Kb / 5P
   Rated Current
74406032220 WURTH-74406032220 Datasheet
323Kb / 5P
   Rated Current
744835050135 WURTH-744835050135 Datasheet
454Kb / 5P
   Rated Current
744839029220 WURTH-744839029220 Datasheet
443Kb / 5P
   Rated Current
logo
Murata Manufacturing Co...
BNX022-01 MURATA1-BNX022-01_V01 Datasheet
371Kb / 4P
   Large rated current (20A)
08/24/2022
BNX028-01 MURATA1-BNX028-01_V01 Datasheet
316Kb / 4P
   Large rated current (20A)
08/24/2022
BNX029-01 MURATA1-BNX029-01_V01 Datasheet
317Kb / 4P
   Large rated current (20A)
08/24/2022
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
   Rated current : 5A max
logo
Murata Manufacturing Co...
BNX023-01 MURATA1-BNX023-01_V01 Datasheet
316Kb / 4P
   Large rated current (20A)
08/24/2022
logo
WAGO Kontakttechnik Gmb...
855-305-100-209 WAGO-855-305-100-209 Datasheet
597Kb / 5P
   Plug-in current transformer; Primary rated current
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com