전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744839010400 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744839010400
상세설명  Insulation Test Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744839010400 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744839010400 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839010400 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839010400 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839010400 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839010400 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Wave Soldering Profile:
Time
Tp
tp
Ts max
Ts typical
Ts min
First Wave
Preheat area
Cool down area
Second Wave
typical temperature procedure
min temperature procedure
max temperature procedure
Profile Feature
Pb-Free Assembly
Sn-Pb Assembly
Preheat Temperature Min
Ts min
100 °C
100 °C
Preheat Temperature Typical
Ts typical 120 °C
120 °C
Preheat Temperature Max
Ts max
130 °C
130 °C
Preheat Time ts from Ts min to Ts max
ts
70 seconds
70 seconds
Peak temperature
Tp
250 °C - 260 °C
235 °C - 260 °C
Time of actual peak temperature
tp
max. 10 seconds
max. 5 seconds each wave
max. 10 seconds
max. 5 seconds each wave
Ramp-down Rate, Min
~ 2 K/ second
~ 2 K/ second
Ramp-down Rate, Typical
~ 3.5 K/ second
~ 3.5 K/ second
Ramp-down Rate, Max
~ 5 K/ second
~ 5 K/ second
Time 25°C to 25°C
4 minutes
4 minutes
Classification Wave Soldering Profile:
refer to EN61760-1:2006
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HasA
DIN ISO 2768-1m
DESCRIPTION
WE-TPBHV Three-Phase Common
Mode Power Line Choke
ORDER CODE
744839010400
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4XL
001.000
Valid
2016-09-16
eiSos
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744839010400

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744839003460 WURTH-744839003460 Datasheet
454Kb / 5P
   DC Resistance
744839029220 WURTH-744839029220 Datasheet
443Kb / 5P
   Rated Current
744839047160 WURTH-744839047160 Datasheet
449Kb / 5P
   DC Resistance
More results

유사한 설명 - 744839010400

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744835090095 WURTH-744835090095 Datasheet
464Kb / 5P
   Insulation Test Voltage
744837002460 WURTH-744837002460 Datasheet
453Kb / 5P
   Insulation Test Voltage
744839208072 WURTH-744839208072 Datasheet
474Kb / 5P
   Insulation Test Voltage
744835150072 WURTH-744835150072 Datasheet
472Kb / 5P
   Insulation Test Voltage
744838180160 WURTH-744838180160 Datasheet
449Kb / 5P
   Insulation Test Voltage
logo
List of Unclassifed Man...
308A ETC2-308A Datasheet
117Kb / 1P
   Test insulation to 2000M廓
307A ETC2-307A Datasheet
134Kb / 1P
   Test insulation to 400M廓
logo
Pomona Electronics
5913 POMONA-5913 Datasheet
36Kb / 1P
   Insulation Piercing Maxigrabber Test Clip Set
6733 POMONA-6733 Datasheet
31Kb / 1P
   Test Lead Wire with Silicone or PVC Insulation
logo
International Rectifier
IRG4IBC20UDPBF IRF-IRG4IBC20UDPBF_15 Datasheet
312Kb / 10P
   2.5kV, 60s insulation voltage
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com